Electronic Components Datasheet Search
  English  ▼

X  

G7SA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G7SA
Description  Relays with Forcibly Guided Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G7SA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G7SA Datasheet HTML 1Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 2Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 3Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 4Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 5Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 6Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D-76
Safety Sensors / Components
Relays with Forcibly Guided Contacts
G7SA
Slim Relays with Forcibly
Guided Contacts Conform-
ing to EN Standards
• EN50205 Class A, approved by VDE.
• Ideal for use in safety circuits in production machin-
ery.
• Four-pole and six-pole Relays are available.
• The Relay’s terminal arrangement simplifies PWB
pattern design.
• Reinforced insulation between inputs and outputs.
Reinforced insulation between some poles.
• UL, CSA approval.
Ordering Information
Relays with Forcibly Guided Contacts
Sockets
Model Number Legend
1. NO Contact Poles
2:
DPST-NO
3:
3PST-NO
4:
4PST-NO
5:
5PST-NO
2. NC Contact Poles
1:
SPST-NC
2:
DPST-NC
3:
3PST-NC
Type
Sealing
Poles
Contacts
Rated voltage
Model
Standard
Flux-tight
4 poles
3PST-NO, SPST-NC
24 VDC
G7SA-3A1B
DPST-NO, DPST-NC
G7SA-2A2B
6 poles
5PST-NO, SPST-NC
G7SA-5A1B
4PST-NO, DPST-NC
G7SA-4A2B
3PST-NO, 3PST-NC
G7SA-3A3B
Type
LED indicator
Poles
Rated voltage
Model
Track-mounting
Track mounting and screw mounting possible
No
4 poles
---
P7SA-10F
6 poles
P7SA-14F
Yes
4 poles
24 VDC
P7SA-10F-ND
6 poles
P7SA-14F-ND
Back-mounting
PCB terminals
No
4 poles
---
P7SA-10P
6 poles
P7SA-14P
1
2
G7SA-#A#B


Similar Part No. - G7SA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
Compact, Slim Relays Conforming to EN Standards
G7SA-2A2B OMRON-G7SA-2A2B Datasheet
2Mb / 16P
Compact, Slim Relays Conforming to EN Standards
G7SA-2A2BDC24 OMRON-G7SA-2A2BDC24 Datasheet
2Mb / 16P
Compact, Slim Relays Conforming to EN Standards
G7SA-3A1B OMRON-G7SA-3A1B Datasheet
2Mb / 16P
Compact, Slim Relays Conforming to EN Standards
G7SA-3A1BDC24 OMRON-G7SA-3A1BDC24 Datasheet
2Mb / 16P
Compact, Slim Relays Conforming to EN Standards
More results

Similar Description - G7SA

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RG1-3V NAIS-RG1-3V Datasheet
102Kb / 7P
HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS
logo
Tyco Electronics
SR6 MACOM-SR6_11 Datasheet
675Kb / 3P
General Purpose Relays, Force Guided Relays
logo
Omron Electronics LLC
G7S-4A2B-E-DC24 OMRON-G7S-4A2B-E-DC24 Datasheet
469Kb / 5P
Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
logo
Tyco Electronics
1-1393260-2 MACOM-1-1393260-2 Datasheet
553Kb / 3P
General Purpose Relays Force Guided Relays
logo
TE Connectivity Ltd
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
2 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
2 pole relay with force guided contacts according to EN50205
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
6 pole relay with force guided contacts according to EN50205
logo
PHOENIX CONTACT
PSR-SCF-120UC PHOENIX-PSR-SCF-120UC Datasheet
80Kb / 4P
Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
REL-SR-24DC PHOENIX-REL-SR-24DC Datasheet
64Kb / 3P
Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
logo
IDEC Corporation
RF1V IDEC-RF1V Datasheet
2Mb / 9P
RF1V Force Guided Relays/SF1V Relay Sockets
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com