Electronic Components Datasheet Search
  English  ▼

X  

G7SA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G7SA
Description  Relays with Forcibly Guided Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G7SA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G7SA Datasheet HTML 1Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 2Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 3Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 4Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 5Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 6Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
D-78
Safety Sensors / Components
Characteristics
Sockets
Note: 1. If the P7SA-1#F is used between 55 and 85°C, reduce the continuous current (from 6 A) by 0.1 A for every degree.
2. Measurement conditions: Measurement of the same points as for the dielectric strength at 500 VDC.
3. When using the P7SA-1#F-ND at 24 VDC, use at an ambient operating temperature from -25 to 55°C.
Relays with Forcibly Guided Contacts
Note: 1. The values listed above are initial values.
2. These times were measured at the rated voltage and an ambient temperature of 23°C. Contact bounce time is not included.
3. Pole 3 refers to terminals 31-32 or 33-34, pole 4 refers to terminals 43-44, pole 5 refers to terminals 53-54, and pole 6 refers to terminals
63-64.
4. When using a P7SA Socket, the dielectric strength between coil contacts/different poles is 2,500 VAC, 50/60 Hz for 1 min.
5. Min. permissible load is for a switching frequency of 300 operations/min.
6. When operating at a temperature between 70°C and 85°C, reduce the rated carry current (6 A at 70°C or less) by 0.1 A for each degree
above 70°C.
Model
Continuous current
Dielectric strength
Insulation resistance
P7SA-14#
6 A (see note 1)
2,500 VAC for 1 min. between poles
100 M
W min. (see note 2)
Contact resistance
100 m
W max.
(The contact resistance was measured with 1 A at 5 VDC using the voltage-drop method.)
Operating time (see note 2)
20 ms max.
Response time (see note 2)
10 ms max. (The response time is the time it takes for the normally open contacts to open after
the coil voltage is turned OFF.)
Release time (see note 2)
20 ms max.
Maximum operating
frequency
Mechanical
36,000 operations/hr
Rated load
1,800 operations/hr
Insulation resistance
100 M
W min. (at 500 VDC)
(The insulation resistance was measured with a 500-VDC megger at the same places that the
dielectric strength was measured.)
Dielectric strength (see notes 3, 4)
Between coil contacts/different poles: 4,000 VAC, 50/60 Hz for 1 min
(2,500 VAC between poles 3-4 in 4-pole Relays or poles 3-5, 4-6, and 5-6 in 6-pole Relays.)
Between contacts of same polarity: 1,500 VAC, 50/60 Hz for 1 min
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction
1,000 m/s2
Malfunction
100 m/s2
Durability
Mechanical
10,000,000 operations min. (at approx. 36,000 operations/hr)
Electrical
100,000 operations min. (at the rated load and approx. 1,800 operations/hr)
Min. permissible load (see note 5)
(reference value)
5 VDC, 1 mA
Ambient temperature (see note 6)
Operating:-40°C to 85°C (with no icing or condensation)
Storage:-40°C to 85°C (with no icing or condensation)
Ambient humidity
Operating:35% to 85%
Storage:35% to 85%
Weight
4 poles: Approx. 22 g
6 poles: Approx. 25 g
Approved standards
EN61810-1 (IEC61810-1), EN50205, UL508, CSA22.2 No. 14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com