Electronic Components Datasheet Search
  English  ▼

X  

G7SA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # G7SA
Description  Relays with Forcibly Guided Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G7SA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  G7SA Datasheet HTML 1Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 2Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 3Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 4Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 5Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 6Page - List of Unclassifed Manufacturers G7SA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
D-82
Safety Sensors / Components
Precautions
Caution
Do not touch the terminal area of the Relays or the socket terminal
area (charged area) while power is ON. Electric shock will result.
Relays with Forcibly Guided Contacts
A Relay with Forcibly Guided Contacts is a Relay with which a safety
category circuit can be configured.
Wiring
Use one of the following wires to connect to the P7SA-10F/10F-ND/
14F/14F-ND.
Stranded wire:0.75 to 1.5 mm2
Solid wire:1.0 to 1.5 mm2
Tighten each screw of the P7SA-10F/10F-ND/14F/14F-ND to a
torque of 0.98 N·m securely.
Wire the terminals correctly with no mistakes in coil polarity, other-
wise the G7SA will not operate.
Cleaning
The G7SA is not of enclosed construction. Therefore, do not wash
the G7SA with water or detergent.
Forcibly Guided Contacts (from EN50205)
If an NO contact becomes welded, all NC contacts will maintain a
minimum distance of 0.5 mm when the coil is not energized. Like-
wise if an NC contact becomes welded, all NO contacts will maintain
a minimum distance of 0.5 mm when the coil is energized.
Correct Use
Relays with Forcibly Guided Contacts
While the Relay with Forcibly Guided Contacts has the previously
described forcibly guided contact structure, it is basically the same
as an ordinary relay in other respects. Rather than serving to prevent
malfunctions, the forcibly guided contact structure enables another
circuit to detect the condition following a contact weld or other mal-
function. Accordingly, when a contact weld occurs in a Relay with
Forcibly Guided Contacts, depending on the circuit configuration, the
power may not be interrupted, leaving the Relay in a potentially dan-
gerous condition (as shown in Fig. 1.)
To configure the power control circuit to interrupt the power when a
contact weld or other malfunction occurs, and to prevent restarting
until the problem has been eliminated, add another Relay with Forc-
ibly Guided Contacts or similar Relay in combination to provide
redundancy and a self-monitoring function to the circuit (as shown in
Fig. 2).
The G9S/G9SA Safety Relay Unit, which combines Relays such as
the Relay with Forcibly Guided Contacts in order to provide the
above-described functions, is available for this purpose. By connect-
ing a contactor with appropriate input and output to the Safety Relay
Unit, the circuit can be equipped with redundancy and a self-monitor-
ing function.
K1
S1
S2
K1
K1
S1
11
12
21
22
S2
K1
K2
K3
+
-
D
F1
K3 K1
K1
K1
K3 K2
K2
K2
K3
A1 A2 T11 T12
Y1 X1
13
B1
PE T21
T22
14
Fig 1
Fig 2
Power source
Power source



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com