Electronic Components Datasheet Search
  English  ▼

X  

G528 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G528
Description  USB High-Side Power Switch Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G528 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G528 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ver: 1.2
May 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G528/G528A
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN= 5V, TA=25°C, G528A, unless otherwise noted.)
Turn-On Characteristics
Short Circuit Response
(Short Applied to Output)
Turn-On Characteristics
Turn-On Characteristics
Turn-On Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com