Electronic Components Datasheet Search
  English  ▼

X  

G528 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G528
Description  USB High-Side Power Switch Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G528 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G528 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ver: 1.2
May 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G528/G528A
Global Mixed-mode Technology Inc.
Pin Description
PIN
G528
G528A
NAME
PIN FUNCTION
1
1
GND
Ground.
2,3
2,3
IN
Input Supply: Output MOSFET source, which also supplies IC's internal circuitry. Connect to
positive supply.
4
EN
Active-low switch enable input. A logic low turns on the switch.
4
EN
Active-High switch enable input. A logic High turns on the switch.
5
5
FLG
Open-Drain Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent, thermal
shutdown and UVLO.
6,7,8
6,7,8
OUT
Switch Output: Output MOSFET drain. Typically connect to switched side of load.
Typical Applications
Single-Port Self-Powered USB Hub Application
Function Block Diagrams
Upstream
V
100mA max.
VBUS
D+
D
-
GND
Data
GND
IN OUT
3.3 V USB Controller
VIN
ON/OFF
G528
OUT
GND
+
USB
Port
Data
D+
GND
Ferrite
Beads
GND
150µF
G911
EN
0.1µF
VCC
V
BUS
100mA max.
D
D
-
GND
Data
GND
IN
OUT
VIN
ON/OFF
OUT
GND
+
USB
Port
Data
V
BUS
D
-
Ferrite
Beads
1µF
GND
150µF
1µF
EN
0.1µF
OC
FLG
5.0V
10K
100K
IN
Upstream
V
100mA max.
VBUS
D+
D
-
GND
Data
GND
IN OUT
3.3 V USB Controller
VIN
ON/OFF
G528
OUT
GND
+
USB
Port
Data
D+
GND
Ferrite
Beads
GND
150µF
G911
EN
0.1µF
VCC
V
BUS
100mA max.
D
D
-
GND
Data
GND
IN
OUT
VIN
ON/OFF
OUT
GND
+
USB
Port
Data
V
BUS
D
-
Ferrite
Beads
1µF
GND
150µF
1µF
EN
0.1µF
OC
FLG
5.0V
10K
100K
IN
Upstream
V
100mA max.
VBUS
D+
D
-
GND
Data
GND
IN OUT
3.3 V USB Controller
VIN
ON/OFF
G528
OUT
GND
+
USB
Port
Data
D+
GND
Ferrite
Beads
GND
150µF
G911
EN
0.1µF
VCC
V
BUS
100mA max.
D
D
-
GND
Data
GND
IN
OUT
VIN
ON/OFF
OUT
GND
+
USB
Port
Data
V
BUS
D
-
Ferrite
Beads
1µF
GND
150µF
1µF
EN
0.1µF
OC
FLG
5.0V
10K
100K
IN
Clock
BandGap
Reference
UVLO
Thermal Sense
Overcurrent
Limiting
Gate Control
Current
Sense
CMP
IN
OUT
FLG
EN
GND
Clock
BandGap
Reference
UVLO
Thermal Sense
Overcurrent
Limiting
Gate Control
Current
Sense
CMP
IN
OUT
FLG
EN
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com