Electronic Components Datasheet Search
  English  ▼

X  

G528 Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G528
Description  USB High-Side Power Switch Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G528 Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G528 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ver: 1.2
May 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G528/G528A
Global Mixed-mode Technology Inc.
Figure 2. Soft Start
Figure 3. Inrush Current-Limit Application
EN , the active-low enable Input
EN , with 0.2V hysteresis, must be driven logic high or
logic low for a clearly defined input. Floating the input
may cause unpredictable operation. EN should not
be allowed to go negative with respect to GND.
Soft Start
The G528/G528A is high impedance when off and
slowly becomes a low impedance as it turns on. This
reduces inrush current and related voltage drop that
results from charging a capacitive load, satisfying the
USB voltage drop requirements, for bus-powered
applications as shown in Figure 2.
The soft start circuit shown in Figure 3 can be utilized
to meet USB transient regulation specifications with
large
load
capacitances
(CBULK
>10µF).
The
G528/G528A will provide inrush current limiting for
these applications.
GND
OUT
USB
Function
USB
Controller
V
BUS
Cable
4.7
µF
GND
USB Hub
C
BULK
G528
USB Peripheral
IN
EN
0.1
µF
GND
OUT
USB
Function
USB
Controller
V
BUS
Cable
4.7
µF
GND
USB Hub
C
BULK
G528
USB Peripheral
IN
EN
0.1
µF
USB Host
GND
V
BUS
Cable
Bus Powered Hub
USB
Controller
EN
OUT
C
BULK
0.1
µF
G528
Cable
Downstream USB Device
Capacitive
Load
IN
GND
4.7
µF
USB Host
GND
V
BUS
Cable
Bus Powered Hub
USB
Controller
EN
OUT
C
BULK
0.1
µF
G528
Cable
Downstream USB Device
Capacitive
Load
IN
GND
4.7
µF
FLG
USB Host
GND
V
BUS
Cable
Bus Powered Hub
USB
Controller
EN
OUT
C
BULK
0.1
µF
G528
Cable
Downstream USB Device
Capacitive
Load
IN
GND
4.7
µF
USB Host
GND
V
BUS
Cable
Bus Powered Hub
USB
Controller
EN
OUT
C
BULK
0.1
µF
G528
Cable
Downstream USB Device
Capacitive
Load
IN
GND
4.7
µF
FLG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com