Electronic Components Datasheet Search
  English  ▼

X  

G528 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G528
Description  USB High-Side Power Switch Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G528 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G528 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G528 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 1.2
May 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G528/G528A
Global Mixed-mode Technology Inc.
USB High-Side Power Switch Advance Information
Features
Typical 110m
Ω, Low MOSFET on resistance, at
5.0V
3.0V to 5.5V operating range
100 µA typical on-state supply current
1µA typical standby supply current
Output can be forced higher than input when
operating in off state.
1.4A Typical current limit
Thermal shutdown protection
2.4V typical under-voltage lockout (UVLO)
Open-drain fault flag pin
Slow turn-on (soft-start) and fast turnoff
Logic level enable pin, available with active-low
version (G528), or available with active-high
version (G528A)
UL Approved_#E232223
Applications
High-side power protection switch
USB power management
USB host and self-powered hubs
USB Bus-powered hubs
Hot plug-in power supplies
Battery-charger circuits
General Description
The G528/G528A is an integrated high-side power
switch optimized for self-powered and bus-powered
Universal Serial Bus (USB) applications.
The G528/G528A satisfies the USB standards. The
switch's low on-resistance meets USB voltage drop
requirements. When the output load exceeds cur-
rent-limit threshold, G528/G528A switches into con-
stant-current mode and limit the output current to a
safe level, which is typically 1.4A. An open-drain flag
output is also available to indicate fault conditions to
the local USB controller. Soft start eliminates the mo-
mentary voltage drop on the upstream port that may
occur when the switch is enabled in bus-powered
applications.
Besides, a thermal shutdown circuit is included to
prevent catastrophic switch failure caused by increas-
ing power dissipation when continuous heavy loads or
short circuit occurs. A under-voltage lockout (UVLO)
circuit ensures that the device remains off unless there
is a valid input voltage present, and an enable input
that is compatible with both 3.3V and 5V logic.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
ENABLE
TEMP.
RANGE
PACKAGE
G528P1U
G528P1Uf
Active Low
-40°C to +85°C
SOP-8
G528AP1U
G528AP1Uf
Active High
-40°C to +85°C
SOP-8
Note: P1: SOP-8L
U: Tape & Reel
Pin Configuration
1
2
3
4
8
7
6
5
G528/G528A
EN
(EN)
GND
OUT
OUT
SOP-8
OUT
FLG
IN
IN
1
2
3
4
8
7
6
5
G528/G528A
EN
(EN)
GND
OUT
OUT
SOP-8
OUT
FLG
IN
IN


Similar Part No. - G528

ManufacturerPart #DatasheetDescription
logo
Heyco.
G5280 HEYCO-G5280 Datasheet
114Kb / 1P
Plugs for Square Tubing
logo
Global Mixed-mode Techn...
G5281 GMT-G5281 Datasheet
350Kb / 1P
Slew Rate Controlled Load Switch
logo
Heyco.
G5281 HEYCO-G5281 Datasheet
114Kb / 1P
Plugs for Square Tubing
G5282 HEYCO-G5282 Datasheet
114Kb / 1P
Plugs for Square Tubing
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
Dual Slew Rate Controlled Load Switch
More results

Similar Description - G528

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
USB Power Controller Advance Information
MIC2529 MICREL-MIC2529 Datasheet
138Kb / 11P
Single-Channel USB Power Controller Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
logo
Global Mixed-mode Techn...
G525A GMT-G525A Datasheet
243Kb / 8P
USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G525 GMT-G525_15 Datasheet
147Kb / 1P
USB High-Side Power Switch Advance Information
G525 GMT-G525 Datasheet
147Kb / 1P
USB High-Side Power Switch Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com