Electronic Components Datasheet Search
  English  ▼

X  

G2995 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G2995
Description  DDR Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2995 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G2995 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Ver: 1.7
May 10, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G2995
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
AVIN=2.5V, PVIN=2.5V, VDDQ=2.5V, CAVIN=0.1µF, CPVIN=47µF, CVREF=0.01µF, CVTT=220µF, TA=25°C, unless other-
wise noted.
IO=200m
Maximum Sinking Current vs AVIN
(VDDQ=2.5V)
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
22.5
3
3.5
44.5
5
5.5
AVIN(V)
Maximum Sourcing Current vs AVIN
(VDDQ=1.8V, PVIN=1.8V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
22.5
33.5
4
4.5
55.5
AVIN(V)
Maximum Sinking Current vs AVIN
(VDDQ=1.8V)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
22.5
3
3.544.5
55.5
AVIN(V)
Maximum Sourcing Current vs AVIN
(VDDQ=1.8V, PVIN=3.3V)
2
2.2
2.4
2.6
2.8
3
22.5
33.5
4
4.5
55.5
AVIN(V)
VOSVTT vs Temperature(VDDQ=2.5V)
-30
-20
-10
0
10
20
30
0
25
50
75
100
125
Temperature(℃)
Sourcing 1.5A
No Load
Sinking 1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com