Electronic Components Datasheet Search
  English  ▼

X  

G2995 Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G2995
Description  DDR Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2995 Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G2995 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 12Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ver: 1.7
May 10, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G2995
Global Mixed-mode Technology Inc.
In Figure 5 & 6, they are the application configurations
of DDR-II SDRAM bus terminations. Figure 5 is the
typical application scheme of DDR-II SDRAM. With the
separate VDDQ pin and an internal resistor divider, it
is possible to use the G2995 in applications utilizing
DDR-II memory. Figure 6 is used to increase the driv-
ing capability. The risk is the same as figure 4.
Figure 7 & 8 are used to scale the VTT to the wanted
value when the standard voltages of SSTL-2 do not
meet the requirements. Using R1 & R2, Figure 7 can
shift VTT up to VDDQ/2 * (1+R1/R2) and figure 8 can
shift VTT down to VDDQ/2 * (1-R1/R2).
+
+
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT
V
DD
C
IN
Figure 7. Increasing VTT by Level Shifting
C
OUT
V
DDQ
R1
R2
+
+
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT
V
DD
C
IN
Figure 8. Decreasing VTT by Level Shifting
C
OUT
V
DDQ
R1
R2
+
+
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT
V
DD
C
IN
Figure 7. Increasing VTT by Level Shifting
C
OUT
V
DDQ
R1
R2
+
+
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT
V
DD
C
IN
Figure 7. Increasing VTT by Level Shifting
C
OUT
V
DDQ
R1
R2
+
+
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT
V
DD
C
IN
Figure 8. Decreasing VTT by Level Shifting
C
OUT
V
DDQ
R1
R2
+
+
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT
V
DD
C
IN
Figure 8. Decreasing VTT by Level Shifting
C
OUT
V
DDQ
R1
R2
+
+
+
V
REF
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT=0.9V
V
REF=0.9V
V
DDQ=1.8V
AV
IN=1.8V or 5.5V
C
IN
Figure 5. Recommended DDR-II Termination
C
OUT
C
REF
PV
IN=1.8V
+
+
+
V
REF
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT=0.9V
V
REF=0.9V
V
DDQ=1.8V
AV
IN=3.3V or 5.5V
C
IN
Figure 6. DDR-II Termination with higher voltage rails
C
OUT
C
REF
PV
IN=3.3V
+
+
+
V
REF
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT=0.9V
V
REF=0.9V
V
DDQ=1.8V
AV
IN=1.8V or 5.5V
C
IN
Figure 5. Recommended DDR-II Termination
C
OUT
C
REF
PV
IN=1.8V
+
+
+
V
REF
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT=0.9V
V
REF=0.9V
V
DDQ=1.8V
AV
IN=3.3V or 5.5V
C
IN
Figure 6. DDR-II Termination with higher voltage rails
C
OUT
C
REF
PV
IN=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com