Electronic Components Datasheet Search
  English  ▼

X  

G2995 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G2995
Description  DDR Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2995 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G2995 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 12Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Ver: 1.7
May 10, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G2995
Global Mixed-mode Technology Inc.
Package Information
SOP-8L Package
Note:
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless otherwise specified
4. Controlling dimension is millimeter converted inch dimensions are not necessarily exact.
5. Followed from JEDEC MS-012
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.35
1.60
1.75
0.053
0.063
0.069
A1
0.10
-----
0.25
0.004
-----
0.010
A2
-----
1.45
-----
-----
0.057
-----
B
0.33
-----
0.51
0.013
-----
0.020
C
0.19
-----
0.25
0.007
-----
0.010
D
4.80
-----
5.00
0.189
-----
0.197
E
3.80
-----
4.00
0.150
-----
0.157
e
-----
1.27
-----
-----
0.050
-----
H
5.80
-----
6.20
0.228
-----
0.244
L
0.40
-----
1.27
0.016
-----
0.050
y
-----
-----
0.10
-----
-----
0.004
θ
0º
-----
8º
0º
-----
8º
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com