Electronic Components Datasheet Search
  English  ▼

X  

G2995 Datasheet(PDF) 12 Page - Global Mixed-mode Technology Inc

Part # G2995
Description  DDR Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2995 Datasheet(HTML) 12 Page - Global Mixed-mode Technology Inc

Back Button G2995 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G2995 Datasheet HTML 12Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Ver: 1.7
May 10, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
12
G2995
Global Mixed-mode Technology Inc.
SOP- 8L (FD) Package
Note:
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless otherwise specified
4. Controlling dimension is millimeter converted inch dimensions are not necessarily exact.
5. Followed from JEDEC MS-012
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.45
1.50
1.55
0.057
0.059
0.061
A1
0.00
-----
0.10
0.000
-----
0.004
A2
-----
1.45
-----
-----
0.057
-----
B
0.33
-----
0.51
0.013
-----
0.020
C
0.19
-----
0.25
0.007
-----
0.010
D
4.80
-----
5.00
0.189
-----
0.197
E
3.80
-----
4.00
0.150
-----
0.157
e
-----
1.27
-----
-----
0.050
-----
H
5.80
-----
6.20
0.228
-----
0.244
L
0.40
-----
1.27
0.016
-----
0.050
y
-----
-----
0.10
-----
-----
0.004
θ
0º
-----
8º
0º
-----
8º
D1
2.22
-----
2.60
0.087
-----
0.102
E1
2.60
-----
2.98
0.102
-----
0.117
Taping Specification
PACKAGE
Q’TY/REEL
SOP-8
2,500 ea
SOP-8 (FD)
2,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
Typical SO P Package O rientation
Feed Direction
Typical SO P Package O rientation
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ
E1
D1
D
E
H
7
° (4X)
A1
A2
A
e
B
y
C
L
θ
E1
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com