Electronic Components Datasheet Search
  English  ▼

X  

BFP196WN Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP196WN
Description  Low noise silicon bipolar RF transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196WN Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFP196WN Datasheet HTML 2Page - Infineon Technologies AG BFP196WN Datasheet HTML 3Page - Infineon Technologies AG BFP196WN Datasheet HTML 4Page - Infineon Technologies AG BFP196WN Datasheet HTML 5Page - Infineon Technologies AG BFP196WN Datasheet HTML 6Page - Infineon Technologies AG BFP196WN Datasheet HTML 7Page - Infineon Technologies AG BFP196WN Datasheet HTML 8Page - Infineon Technologies AG BFP196WN Datasheet HTML 9Page - Infineon Technologies AG BFP196WN Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Measurement setup for the AC characteristics shown in the following tables is a test fixture with Bias T’s in a 50
Ω system, TA = 25 °C.
Bias-T
GND
RFOUT
VCE
1
4
3
2
Bias-T
RFIN
VBE
Figure 2
BFP196WN testing circuit
Table 5
AC characteristics, VCE = 8 V, f = 0.45 GHz
Parameter
Symbol
Values
Unit
Note or test condition
Min.
Typ.
Max.
Power gain
Maximum power gain
Transducer gain
Gms
|S21|2
–
–
23.5
19.0
–
–
dB
IC = 50 mA
Zs = ZSopt, ZL = ZLopt
ZS=ZL=50 Ω
Minimum noise figure
NFmin
–
0.95
–
dB
IC = 20 mA, ZS = ZSopt
Linearity
1 dB compression point at output
3rd order intercept point at output
OP1dB
OIP3
–
–
19
32
–
–
dBm IC = 50 mA
ZS=ZL=50 Ω
Table 6
AC characteristics, VCE = 8 V, f = 0.9 GHz
Parameter
Symbol
Values
Unit
Note or test condition
Min.
Typ.
Max.
Power gain
Maximum power gain
Transducer gain
Gms
|S21|2
–
–
17.0
13.0
–
–
dB
IC = 50 mA
Zs = ZSopt, ZL = ZLopt
ZS=ZL=50 Ω
Minimum noise figure
NFmin
–
1.1
–
dB
IC = 20 mA, ZS = ZSopt
Linearity
1 dB compression point at output
3rd order intercept point at output
OP1dB
OIP3
–
–
19
32
–
–
dBm IC = 50 mA
ZS=ZL=50 Ω
BFP196WN
Low noise silicon bipolar RF transistor
Electrical performance in test fixture
Preliminary datasheet
6
Revision 1.0
2017-01-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com