Electronic Components Datasheet Search
  English  ▼

X  

BFP196WN Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BFP196WN
Description  Low noise silicon bipolar RF transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196WN Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BFP196WN Datasheet HTML 6Page - Infineon Technologies AG BFP196WN Datasheet HTML 7Page - Infineon Technologies AG BFP196WN Datasheet HTML 8Page - Infineon Technologies AG BFP196WN Datasheet HTML 9Page - Infineon Technologies AG BFP196WN Datasheet HTML 10Page - Infineon Technologies AG BFP196WN Datasheet HTML 11Page - Infineon Technologies AG BFP196WN Datasheet HTML 12Page - Infineon Technologies AG BFP196WN Datasheet HTML 13Page - Infineon Technologies AG BFP196WN Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
0
0.5
1
1.5
2
V
EB
[V]
10-14
10-13
10-12
10-11
10-10
10-9
Figure 7
Base/emitter leakage current IB = f(VEB), VCE = 8 V
Note:
Regard absolute maximum ratings for IC , VCE and Ptot (see Table 1)
BFP196WN
Low noise silicon bipolar RF transistor
Electrical performance in test fixture
Preliminary datasheet
10
Revision 1.0
2017-01-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com