Electronic Components Datasheet Search
  English  ▼

X  

BFP196WN Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # BFP196WN
Description  Low noise silicon bipolar RF transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196WN Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button BFP196WN Datasheet HTML 11Page - Infineon Technologies AG BFP196WN Datasheet HTML 12Page - Infineon Technologies AG BFP196WN Datasheet HTML 13Page - Infineon Technologies AG BFP196WN Datasheet HTML 14Page - Infineon Technologies AG BFP196WN Datasheet HTML 15Page - Infineon Technologies AG BFP196WN Datasheet HTML 16Page - Infineon Technologies AG BFP196WN Datasheet HTML 17Page - Infineon Technologies AG BFP196WN Datasheet HTML 18Page - Infineon Technologies AG BFP196WN Datasheet HTML 19Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
4
SOT343 Package
SOT343-PO V08
0.1 MAX.
0.15 +0.1
-0.05
0.3 +0.1
2 ±0.2
±0.1
0.9
3
2
4
1
A
+0.1
0.6
A
M
0.2
1.3
-0.05
-0.05
0.15
0.1 M
4x
0.1
Figure 19 SOT343 package outline (dimension in mm)
0.6
SOT343-FP V08
1.15
0.9
Soldering Type: Reflow Soldering
Figure 20 SOT343 footprint (dimension in mm)
2005, June
Date code (YM)
BGA420
Type code
Pin 1
Manufacturer
Figure 21 SOT343 marking layout
SOT323-TP V02
0.2
4
2.15
1.1
Pin 1
Reel ø180 mm: 3.000 Pieces/Reel
Reels/Box: 1 x 3.000 = 3.000
Reel ø330 mm: 10.000 Pieces/Reel
Reels/Box: 1 x 10.000 = 10.000
Figure 22 SOT343 standard packing (dimension in mm)
BFP196WN
Low noise silicon bipolar RF transistor
SOT343 Package
Preliminary datasheet
17
Revision 1.0
2017-01-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com