Electronic Components Datasheet Search
  English  ▼

X  

GMS82524TK Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # GMS82524TK
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82524TK Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button GMS82524TK Datasheet HTML 9Page - Hynix Semiconductor GMS82524TK Datasheet HTML 10Page - Hynix Semiconductor GMS82524TK Datasheet HTML 11Page - Hynix Semiconductor GMS82524TK Datasheet HTML 12Page - Hynix Semiconductor GMS82524TK Datasheet HTML 13Page - Hynix Semiconductor GMS82524TK Datasheet HTML 14Page - Hynix Semiconductor GMS82524TK Datasheet HTML 15Page - Hynix Semiconductor GMS82524TK Datasheet HTML 16Page - Hynix Semiconductor GMS82524TK Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
10
FEB. 2000 Ver 1.00
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Supply voltage ............................................. -0.3 to +7.0 V
Storage Temperature .................................. -40 to +125
°C
Voltage on any pin with respect to Ground (VSS)
..................................................................-0.3 to VDD+0.3
Maximum current out of VSS pin .......................... 150 mA
Maximum current into VDD pin .............................. 80 mA
Maximum current sunk by (IOL per I/O Pin) .......... 20 mA
Maximum output current sourced by (IOH per I/O Pin)
................................................................................... 8 mA
Maximum current (
ΣI
OL) ...................................... 100 mA
Maximum current (
ΣI
OH)........................................ 50 mA
Note: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the de-
vice. This is a stress rating only and functional operation of
the device at any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
7.2 Recommended Operating Conditions
7.3 A/D Converter Characteristics
(TA=25°C, VSS=0V, VDD=5.12V@fXIN=8MHz, VDD=3.072V@fXIN=4MHz)
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
fXIN=1 ~ 10 MHz
fXIN=1 ~ 8 MHz
fXIN=1 ~ 4 MHz
4.5
2.7
2.2
5.5
5.5
5.5
V
Operating Frequency
fXIN
VDD=4.5~5.5V
VDD=2.7~5.5V
VDD=2.2~5.5V
1
1
1
10
8
4
MHz
Operating Temperature
TOPR
Normal Version
Temperature Extention Version
-20
-40
85
85
°C
Parameter
Symbol
Specifications
Unit
Min.
Typ.1
Max.
fXIN=4MHz
fXIN=8MHz
Analog Input Voltage Range
VAIN
VSS
-
AVDD
AVDD
V
Non-linearity Error
NNLE
-
±1.0
±1.5
±1.5
LSB
Differential Non-linearity Error
NDNLE
-
±1.0
±1.5
±1.5
LSB
Zero Offset Error
NZOE
-
±0.5
±1.5
±1.5
LSB
Full Scale Error
NFSE
-
±0.35
±0.5
±0.5
LSB
Gain Error
NGE
-
±1.0
±1.5
±1.5
LSB
Overall Accuracy
NACC
-
±1.0
±1.5
±1.5
LSB
AVDD Input Current
IREF
-0.5
1.0
1.0
mA
Conversion Time
TCONV
--
40
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com