Electronic Components Datasheet Search
  English  ▼

X  

GMS82524TK Datasheet(PDF) 55 Page - Hynix Semiconductor

Part # GMS82524TK
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82524TK Datasheet(HTML) 55 Page - Hynix Semiconductor

Back Button GMS82524TK Datasheet HTML 51Page - Hynix Semiconductor GMS82524TK Datasheet HTML 52Page - Hynix Semiconductor GMS82524TK Datasheet HTML 53Page - Hynix Semiconductor GMS82524TK Datasheet HTML 54Page - Hynix Semiconductor GMS82524TK Datasheet HTML 55Page - Hynix Semiconductor GMS82524TK Datasheet HTML 56Page - Hynix Semiconductor GMS82524TK Datasheet HTML 57Page - Hynix Semiconductor GMS82524TK Datasheet HTML 58Page - Hynix Semiconductor GMS82524TK Datasheet HTML 59Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
52
FEB. 2000 Ver 1.00
activated mode: rising edge, falling edge, and both edge.
Figure 14-7 External Interrupt Block Diagram
INT0 ~ INT3 are multiplexed with general I/O ports
(R40~R43). To use as an external interrupt pin, the bit of
R4 port mode register PMR4 should be set to “1” corre-
spondingly.
Example: To use as an INT0 and INT2
:
:
;
**** Set port as an input port R40,R42
LDM
R4DD,#1111_1010B
;
;
**** Set port as an external interrupt port
LDM
PMR4,#05H
;
;
**** Set Falling-edge Detection
LDM
IEDS,#0001_0001B
:
:
:
Response Time
The INT0 ~ INT3 edge are latched into INT1IF ~ INT3IF
at every machine cycle. The values are not actually polled
by the circuitry until the next machine cycle. If a request is
active and conditions are right for it to be acknowledged, a
hardware subroutine call to the requested service routine
will be the next instruction to be executed. The DIV itself
takes twelve cycles. Thus, a minimum of twelve complete
machine cycles elapse between activation of an external
interrupt request and the beginning of execution of the first
instruction of the service routine.
Figure 14-8shows interrupt response timings.
Figure 14-8 Interrupt Response Timing Diagram
INT0IF
INT0 pin
INT0 INTERRUPT
INT1IF
INT1 pin
INT1 INTERRUPT
INT2IF
INT2 pin
INT2 INTERRUPT
IEDS
[0F8H]
INT3IF
INT3 pin
INT3 INTERRUPT
Edge selection
Register
2
2
2
2
Interrupt
goes
active
Interrupt
latched
Interrupt
processing
Interrupt
routine
8 fXIN
max. 12 fXIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com