Electronic Components Datasheet Search
  English  ▼

X  

GMS82524TK Datasheet(PDF) 37 Page - Hynix Semiconductor

Part # GMS82524TK
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82524TK Datasheet(HTML) 37 Page - Hynix Semiconductor

Back Button GMS82524TK Datasheet HTML 33Page - Hynix Semiconductor GMS82524TK Datasheet HTML 34Page - Hynix Semiconductor GMS82524TK Datasheet HTML 35Page - Hynix Semiconductor GMS82524TK Datasheet HTML 36Page - Hynix Semiconductor GMS82524TK Datasheet HTML 37Page - Hynix Semiconductor GMS82524TK Datasheet HTML 38Page - Hynix Semiconductor GMS82524TK Datasheet HTML 39Page - Hynix Semiconductor GMS82524TK Datasheet HTML 40Page - Hynix Semiconductor GMS82524TK Datasheet HTML 41Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
34
FEB. 2000 Ver 1.00
Figure 11-1 TM0, TM2 Registers
BTCL
7654
321
0
T3ST
CAP2
T2SL1
INITIAL VALUE: 00H
ADDRESS: 0E3H
TM2
T2SL0
T2CN
T2ST
T3SL1 T3SL0
Bit Name
Bit Posi-
tion
Description
CAP2
TM2.7
0: Timer/Counter mode
1: Capture mode selection flag
T3ST
TM2.6
0: When cleared, stop the counting.
1: When set, Timer 3 count register is cleared and start again.
T3SL1
T3SL0
TM2.5
TM2.4
00: 16-bit mode (Clock source is selected by T2SL1, T2SL0)
01: 8-bit mode, Clock source is fXIN ÷ 4
10: 8-bit mode, Clock source is fXIN ÷ 16
11: 8-bit mode, Clock source is fXIN ÷ 64
T2ST
TM2.3
0: When cleared, stop the counting.
1: When set, Timer 2 Count Register is cleared and start again.
T2CN
TM2.2
0: Stop the timer
1: A logic 1 starts the timer.
T2SL1
T2SL0
TM2.1
TM2.0
00: Reserved
01: 8-bit Timer, Clock source is fXIN ÷ 4
10: 8-bit Timer, Clock source is fXIN ÷ 16
11: 8-bit Timer, Clock source is fXIN ÷ 64
TIMER 2
BT C L
76543210
T1S T
C AP0
T 0SL 1
IN IT IA L V A LU E : 00 H
AD D R ESS: 0E 2 H
TM0
T0S L0
T0C N
T0S T
T 1 S L1 T 1S L0
Bit Name
Bit Position
Description
CAP0
TM0.7
0: Timer/Counter mode
1: Capture mode selection flag
T1ST
TM0.6
0: When cleared, stop the counting.
1: When set, Timer 1 count register is cleared and start again.
T1SL1
T1SL0
TM0.5
TM0.4
00: 16-bit mode (Clock source is selected by T0SL1, T0SL0)
01: 8-bit mode, Clock source is fXIN ÷ 4
10: 8-bit mode, Clock source is fXIN ÷ 16
11: 8-bit mode, Clock source is fXIN ÷ 64
T0ST
TM0.3
0: When cleared, stop the counting.
1: When set, Timer 0 Count Register is cleared and start again.
T0CN
TM0.2
0: Stop the timer
1: A logic 1 starts the timer.
T0SL1
T0SL0
TM0.1
TM0.0
00: EC0 (External clock)
01: 8-bit Timer, Clock source is fXIN ÷ 4
10: 8-bit Timer, Clock source is fXIN ÷ 16
11: 8-bit Timer, Clock source is fXIN ÷ 64
TIMER 1
TIMER 0
765
43
210
INITIAL VALUE: Undefined
ADDRESS: 0E4H ~ 0E7H
TDR0~TDR3
Read: Count value read
Write: Compare data write
R/W R/W R/W R/W R/W R/W R/W R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TIMER 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com