Electronic Components Datasheet Search
  English  ▼

X  

GMS82524TK Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # GMS82524TK
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82524TK Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button GMS82524TK Datasheet HTML 37Page - Hynix Semiconductor GMS82524TK Datasheet HTML 38Page - Hynix Semiconductor GMS82524TK Datasheet HTML 39Page - Hynix Semiconductor GMS82524TK Datasheet HTML 40Page - Hynix Semiconductor GMS82524TK Datasheet HTML 41Page - Hynix Semiconductor GMS82524TK Datasheet HTML 42Page - Hynix Semiconductor GMS82524TK Datasheet HTML 43Page - Hynix Semiconductor GMS82524TK Datasheet HTML 44Page - Hynix Semiconductor GMS82524TK Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
38
FEB. 2000 Ver 1.00
8-bit Event Counter Mode
In this mode, counting up is started by an external trigger.
This trigger means falling edge of the EC0 pin input.
Source clock is used as an internal clock selected with tim-
er mode register TM0. The contents of timer data register
TDRn (n = 0,1) are compared with the contents of the up-
counter Tn. If a match is found, an timer interrupt request
flag TnIF is generated, and the counter is cleared to “0”.
The counter is restart and count up continuously by every
falling edge of the EC0 pin input.
The maximum frequency applied to the EC0 pin is fXIN/2
[Hz].
In order to use event counter function, the bit 4 of the Port
Mode Register PMR4(address 0D0H) is required to be set
to “1”.
After reset, the value of timer data register TDRn is unde-
fined, it should be initialized to between 1H~FFHnot to
"0"The interval period of Timer is calculated as below
equation.
Figure 11-6 Event Counter Mode Timing Chart
Figure 11-7 Count Operation of Timer / Event counter
Period (sec)
1
f
XIN
-----------
2
Divide Ratio
TDRn
×
×
×
=
0
1
2
1
0
n
2
n-1
n
EC0 pin input
Up-counter
TDR1
T1IF interrupt
Start count
Timer 1 (T1IF)
Interrupt
TDR1
TIME
Occur interrupt
Occur interrupt
stop
clear & start
disable
enable
Start & Stop
T1ST
T1CN
Control count
T1ST = 0
T1ST = 1
T1CN = 0
T1CN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com