Electronic Components Datasheet Search
  English  ▼

X  

A8GS Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # A8GS
Description  Minimum size class in the industry Rocker switch with reset function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A8GS Datasheet(HTML) 6 Page - Omron Electronics LLC

  A8GS Datasheet HTML 1Page - Omron Electronics LLC A8GS Datasheet HTML 2Page - Omron Electronics LLC A8GS Datasheet HTML 3Page - Omron Electronics LLC A8GS Datasheet HTML 4Page - Omron Electronics LLC A8GS Datasheet HTML 5Page - Omron Electronics LLC A8GS Datasheet HTML 6Page - Omron Electronics LLC A8GS Datasheet HTML 7Page - Omron Electronics LLC A8GS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A8GS
6
Panel Cutout
Precautions
Do not wire the switch or touch any terminal of the
Switch while power is being supplied. Or it may result in
electric shock.
Use the switch within the rated voltage and current ranges, otherwise
the switch may have deteriorated durability. Radiate heat, or burn out.
This particularly applies to the instantaneous voltages and currents
when switching.
•Mounting
• Easy to mount by snap fitting.
• Do not impose excessive force on switch at the time of panel mounting.
• Do not detach the switch after installed. Otherwise, the holding
strength may be loose.
• Apply the force to housing when installing to panel. Do not apply
the force to the button (rocker) part when installing to the panel.
•Wiring
• Confirm the size of the receptacles and be sure to connect them firmly.
• Use an appropriate wire allowable to carry current.
• Be sure that there is no mechanical stress on terminals and coil terminals.
Otherwise, the switch may malfunction and/or damaged.
(Example: Too strong wiring)
• Take appropriate insulation distance between switch terminal and
other metal parts after wiring.
• Coil has polarity, please confirm polarity when wiring.
• Do not apply continuous voltage more than 10 seconds at any
time. Otherwise, insulation deterioration may occur by heat of coil.
Please consider the circuit design.
• Reverse voltage may cause of accurate discrete semiconductor
devices. In case of controlling by accurate discrete semiconductor
devices, Please consider the circuit design. (Example : add the
surge absorbing circuit)
• In case of manual soldering, soldering time is max 4 sec by soldering
iron (Max 350
°C at the iron tip) and do not add the stress to terminals.
• In case of touching the soldering iron to the root of terminals, it may
cause Housing parts melt.
•Handling
• Do not apply excessive operating force to the switch.
• Do not drop or apply the excessive shock.
Otherwise the switch may be damaged or deformed.
• Do not impose force to operating part from an angle, Otherwise the
switch may be damaged or deformed.
•Environment for storage and use
• To prevent the terminals color change and others while storage,
Do not keep for a long term in the following conditions.
(1) High temperature, high humid environment
(2) Corrosive gas
(3) The place where the direct rays of the sun
(4) The place where the sea breeze
(5) Environmental with a sudden temperature change
This switch is not sealed to prevent from entering dust and liquid.
Do not use under dust and liquid condition.
• Switch shall not be icing or condensation.
• Strong magnetic field may cause malfunction.
Check function is recommended under practical use conditions.
•Using Micro Loads
In case of using the switch under the micro loads, please refer the
Minimum applicable load and set the load more than minimum
applicable load.
Even when using micro load within the operating range, if inrush
current occurs, it may increase contact wear and so deteriorate
durability. Therefore, insert a contact protection circuit where
necessary.
The minimum applicable load is the L-level reference value.
This value indicates the malfunction reference level for the
reliability level of 60 %. (
λ 60)
The equation,
λ 60 = 0.5 x 10-6 /operations indicates that the
estimated malfunction rate is less than 1/2,000,000 operations with
a reliability level of 60 %.
•RoHS Compliant
The "RoHS Compliant" designation indicates that the listed models
do not contain the six hazardous substances covered by the RoHS
Directive.
Reference: The following standards are used to determine
compliance for the six substances.
Lead
: 1,000 ppm max.
Mercury
: 1,000 ppm max.
Cadmium
: 100 ppm max.
Hexavalent chromium : 1,000 ppm max.
PBB
: 1,000 ppm max.
PBDE
: 1,000 ppm max.
R by cutting
OFF
ON
Edge
26.5 ±0.1
27.7 ±0.1
(Operating surface direction)
Panel thickness: 0.8 to 2.3 mm
Panel cutout design is for prevention of false insertion.
Please be careful about the direction of the protrusion.
The rollover of the panel shall be on the front face.
And panel back side shall be Edge shape by processing.
Note: 1. Recommendation panel material is "SPCC", however, in case of soft material or Panel back side shape is not edge,
mounting strength may down. Please check and try by actual mounting panel and set the Panel thickness and hole dimension.
WARNING
Cautions
Caution of usage
Pushing position
Correct
Incorrect



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com