Electronic Components Datasheet Search
  English  ▼

X  

A8GS Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A8GS
Description  Minimum size class in the industry Rocker switch with reset function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A8GS Datasheet(HTML) 3 Page - Omron Electronics LLC

  A8GS Datasheet HTML 1Page - Omron Electronics LLC A8GS Datasheet HTML 2Page - Omron Electronics LLC A8GS Datasheet HTML 3Page - Omron Electronics LLC A8GS Datasheet HTML 4Page - Omron Electronics LLC A8GS Datasheet HTML 5Page - Omron Electronics LLC A8GS Datasheet HTML 6Page - Omron Electronics LLC A8GS Datasheet HTML 7Page - Omron Electronics LLC A8GS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
A8GS
3
Contact specifications
* Please refer to ''Using Micro loads'' in ''Precautions''(P6) for more information on the minimum applicable load.
Characteristics
Note: 1. Above specification values are initial values.
*For the testing condition in individual specification, contact your OMRON sales representative.
**Time from voltage applied to reset coil to actual contacts opening.
Approved Safety Standards
Note: 1. Approved safety standard ratings for Signal Switch Circuit is only for 'A8GS-Cxxxx' model. 'A8GS-Sxxxx' model is not approved.
*These ratings are only for TV-8 rating approved models.
Connector for Signal Switch Circuit and Coil Circuit
CT connectors produced by Tyco Electronics Corporation or XR connectors produced by JST shall be used
for connection of Signal and Coil circuit. Other connectors shall not be used.
*
@ indicates Housing color.
Micro load contact
Power contact
Material
Gold alloy
Silver alloy
Contact gap
3 mm
3 mm
Minimum applicable
load (Reference value) *
3 VDC 1 mA
5 VDC 200 mA
Permissible operating
frequency
Mechanical
Switch operation: 20 times/min max, Coil operation: 7 times/min max
Electrical
7 times/min max
Insulation resistance
100 M
Ω min (at 500 VDC with insulation tester)
Contact resistance
(initial value)
Power contact terminal
100 m
Ω max (6 VDC to 8 V, 1 A Voltage drop method)
Micro load contact terminal
100 m
Ω max (6 VDC to 8 V, 0.1 A Voltage drop method)
Dielectric strength
Between terminals of the
same polarity
AC2,000 V 50/60 Hz 1 min
Between terminals of the
different polarity
AC2,000 V 50/60 Hz 1 min
Between each terminals of the
switch and terminals of coil
AC4,000 V 50/60 Hz 1 min
Between each terminals of
switch and ground
AC4,000 V 50/60 Hz 1 min
Vibration resistance * Malfunction
10 to 55 Hz 1.5 mm double amplitude (Malfunction within 1 ms)
Shock resistance *
Malfunction
300 m/s2 min (Malfunction within 1 ms)
Destruction
1000 m/s2 max
Ambient operating temperature
−10 to +55 °C (with no icing or condensation, 60 % RH max)
Ambient operating humidity
90 %RH max (+5 to 35
°C with no icing or condensation)
Durability
Mechanical
Switch operation: 30,000 operations min, Coil operation: 10,000 operations min
Electrical
Switch operation: 10,000 operations min
Inrush current
117 A max.
Degree of protection
IEC IP40
Contact release time **
100 ms max
Weight
A8GS-Sxxxx: around 9 g
A8GS-Pxxxx: around 10 g
A8GS-Cxxxx: around 11 g
A8GS-Dxxxx: around 12 g
UL (UL61058-1)
TÜV (EN61058-1)
Approved safety
standards ratings
TV-8
approved ratings *
Approved safety
standards ratings
TV-8
approved ratings *
Power contact terminal
16 A 125 VAC
TV-8
Power contact terminal
10 (4) A 250 VAC
8/128 A 250 VAC
10 A 250 VAC
Micro load contact terminal
0.2 A 5 VDC
0.2 A 5 VDC
Micro load contact terminal
−−
Tyco Electronics Corporation: CT connecter
JST: XR Connector
Connector
Terminal no.
Connection with
Switch
Pressure welding type
Cramping type
Housing
Contact
AWG #30-26
AWG #26-22
AWG #28-26
AWG #24
AWG #28-26
Micro load
contact terminal
1
a (Switch COM)
179228-3
179609-1
179227-1
173977-3
2-179694-3
03XR-6
@-P*
2
---
3
b (Switch NO)
Coil terminal
1
+ (Coil)
179228-2
173977-2
2-179694-2
02XR-6
@-P*
2
- (Coil)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com