Electronic Components Datasheet Search
  English  ▼

X  

A8GS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A8GS
Description  Minimum size class in the industry Rocker switch with reset function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A8GS Datasheet(HTML) 1 Page - Omron Electronics LLC

  A8GS Datasheet HTML 1Page - Omron Electronics LLC A8GS Datasheet HTML 2Page - Omron Electronics LLC A8GS Datasheet HTML 3Page - Omron Electronics LLC A8GS Datasheet HTML 4Page - Omron Electronics LLC A8GS Datasheet HTML 5Page - Omron Electronics LLC A8GS Datasheet HTML 6Page - Omron Electronics LLC A8GS Datasheet HTML 7Page - Omron Electronics LLC A8GS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
New Product
Remote Reset Rocker Switch
A8GS
Minimum size class in the industry Rocker switch with reset function
List of Models
1. Reset function type
• Zero standby power by Reset function.
• High inrush-current durability.
Conforming to TV-8 rating. (Inrush 117A)
• Model variation for Micro loads.
• Model variation of micro load and high capacity combination. (DPST)
It is able to operate micro load and high capacity load at the same time.
• Contact gap of 3 mm minimum.
• UL and cUL standard approved, Conforming to EN standards.
• Model variation for 3.3VDC circuit.
* There are 2 kinds of main models A8GS. (Delay OFF Function model and Remote Reset model) With regard to the models with Delay OFF Function, please refer to the other catalog.
RoHS Compliant
(Please refer the Precautions)
Usage example
Saving energy by cutting the standby power.
Saving energy by preventing forgetting to turn OFF main power.
Turning OFF main power by remote.
Turning OFF main power of many equipments at the same time.
Contact Form
1 to 2: Power contact terminal
a, b: Micro load contact terminal
+, -: Coil terminal
SPST
Quantity
per box
Micro load contact terminal
× 1
Power contact terminal
× 1
Terminals
CT Connector
Quick-connect terminals
#187 (t=0.8)
Solder terminals
Reset voltage
5V model
3.3V model
5V model
3.3V model
5V model
3.3V model
Marking on caps
No Marking
A8GS-S1105
A8GS-S1103
A8GS-P1185
A8GS-P1183
A8GS-P1115
A8GS-P1113
50
A8GS-S1205
A8GS-S1203
A8GS-P1285
A8GS-P1283
A8GS-P1215
A8GS-P1213
A8GS-S1305
A8GS-S1303
A8GS-P1385
A8GS-P1383
A8GS-P1315
A8GS-P1313
+
a
b
-
+
-
12
+
-
12
Contact Form
1 to 2: Power contact terminal
a, b: Micro load contact terminal
+, -: Coil terminal
DPST
Quantity
per box
Micro load contact terminal
× 1 + Power contact terminal × 1
Terminals
Micro load contact terminal : CT Connector
Power contact terminal : Quick-connect
terminals #187 (t=0.8)
Micro load contact terminal : CT Connector
Power contact terminal : Solder terminals
Reset voltage
5V model
3.3V model
5V model
3.3V model
Marking on caps
No Marking
A8GS-C1185
A8GS-C1183
A8GS-C1115
A8GS-C1113
50
A8GS-C1285
A8GS-C1283
A8GS-C1215
A8GS-C1213
A8GS-C1385
A8GS-C1383
A8GS-C1315
A8GS-C1313
+
a
b
-
12


Similar Part No. - A8GS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A8GS-T OMRON-A8GS-T Datasheet
1Mb / 8P
Minimum size class in the industry Remote Reset Rocker Switch with Delay OFF Function
A8GS-T1115K OMRON-A8GS-T1115K Datasheet
1Mb / 8P
Minimum size class in the industry Remote Reset Rocker Switch with Delay OFF Function
A8GS-T1185K OMRON-A8GS-T1185K Datasheet
1Mb / 8P
Minimum size class in the industry Remote Reset Rocker Switch with Delay OFF Function
A8GS-T1215K OMRON-A8GS-T1215K Datasheet
1Mb / 8P
Minimum size class in the industry Remote Reset Rocker Switch with Delay OFF Function
A8GS-T1285K OMRON-A8GS-T1285K Datasheet
1Mb / 8P
Minimum size class in the industry Remote Reset Rocker Switch with Delay OFF Function
More results

Similar Description - A8GS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78LR05 NJRC-NJM78LR05 Datasheet
270Kb / 9P
SERIES REGULATOR WITH RESET FUNCTION
logo
Texas Instruments
PCA9546A TI-PCA9546A Datasheet
1Mb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_1 Datasheet
1,020Kb / 27P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_2 Datasheet
933Kb / 27P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_3 Datasheet
1Mb / 29P
4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
logo
Omron Electronics LLC
A8G OMRON-A8G Datasheet
601Kb / 4P
Rocker Switch with External Reset Function for High capacity Switching
A8GS-T OMRON-A8GS-T Datasheet
1Mb / 8P
Minimum size class in the industry Remote Reset Rocker Switch with Delay OFF Function
logo
PHOENIX CONTACT
CUTFOX-45 PHOENIX-CUTFOX-45 Datasheet
48Kb / 2P
With ratchet function for minimum effort
CUTFOX-100 PHOENIX-CUTFOX-100 Datasheet
48Kb / 2P
With ratchet function for minimum effort
CUTFOX-50-STEEL PHOENIX-CUTFOX-50-STEEL Datasheet
46Kb / 2P
With ratchet function for minimum effort
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com