Electronic Components Datasheet Search
  English  ▼

X  

A8GS Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # A8GS
Description  Minimum size class in the industry Rocker switch with reset function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A8GS Datasheet(HTML) 5 Page - Omron Electronics LLC

  A8GS Datasheet HTML 1Page - Omron Electronics LLC A8GS Datasheet HTML 2Page - Omron Electronics LLC A8GS Datasheet HTML 3Page - Omron Electronics LLC A8GS Datasheet HTML 4Page - Omron Electronics LLC A8GS Datasheet HTML 5Page - Omron Electronics LLC A8GS Datasheet HTML 6Page - Omron Electronics LLC A8GS Datasheet HTML 7Page - Omron Electronics LLC A8GS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A8GS
5
Dimensions (Unit: mm) /Operating Characteristics
Note: 1. Unless otherwise specified, a tolerance of ± 0.4 mm applies to all dimensions.
Note: 2. When initial operation or operation after reset, operating force is increased, due to switch structure.
Note: 3. TV-8 approved models are same outline and characteristics with standard models.
* Solder terminals model has different hole shape, compare with Quick-connect terminals. Outline and characteristics are same.
30
OFF
OFF
ON
ON
14.9
14.3
12.2
27
CT Connector
CT Connector
A8GS-S1
@05
A8GS-S1
@03
Operating force (OF)
1.0
± 0.6 N
1.3
10
14.9
0.8
12.2
14.3
30
4.75
27
OFF
OFF
ON
ON
CT Connector
A8GS-P1
@85
A8GS-P1
@15*
A8GS-P1
@83
A8GS-P1
@13*
Operating force (OF)
1.5
± 0.9 N
1.3
10
0.8
14.9
12.2
14.3
30
27
4.75
OFF
OFF
ON
ON
CT Connector
CT Connector
A8GS-C1
@85
A8GS-C1
@15*
A8GS-C1
@83
A8GS-C1
@13*
Operating force (OF)
2.0
± 1.2 N
OFF
OFF
ON
ON
CT Connector
1.3
10
27
4.75
30
0.8
11.5±0.8
12.2
14.3
14.9
A8GS-D1
@85
A8GS-D1
@15*
A8GS-D1
@83
A8GS-D1
@13*
Operating force (OF)
2.0
± 1.2 N
27
30
14.9
14.3
12.2
OFF
OFF
ON
ON
A8GS-
@@@@0
(No reset function model)
• The above model is referring the 'A8GS-S1100'.
• No reset function models are without coil circuit.
• Specifications are same with reset function models.
Protector
Model: A8GS-211(P)
Color: Black
Mounting image
8.8
33.6
22.5
Accessories parts (Sold Separately)
Protector can improve resistance against external force to
the actuator from side (angled) direction.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com