Electronic Components Datasheet Search
  English  ▼

X  

LDM485 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LDM485
Description  Fully Isolated Limited Distance Modem, RS-232/485 Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LDM485 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LDM485 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
23
®
RS-232 P1 P
RS-232 P1 P
RS-232 P1 P
RS-232 P1 P
RS-232 P1 Pin Descriptions
in Descriptions
in Descriptions
in Descriptions
in Descriptions
RS-485 P2 P
RS-485 P2 P
RS-485 P2 P
RS-485 P2 P
RS-485 P2 Pin Descriptions
in Descriptions
in Descriptions
in Descriptions
in Descriptions
Pin 1
Case
Case Ground
Pin 1
12VAC
Pin 2
TD
Transmit Data
Pin 2
PWR RTN
Pin 3
RD
Receive Data
Pin 3
RTS A
Pin 4
RTS
Request To Send
Pin 4
RTS B
Pin 5
CTS
Clear To Send
Pin 5
CTS A'
Pin 6
DSR
Data Set Ready
Pin 6
CTS B'
(connected to Data
Pin 7
TD A
Terminal Ready)
Pin 8
TD B
Pin 7
Sig Gnd
Signal Ground
Pin 9
SIG RTN
Pin 8
RLSD
Receive Line Signal Detect Pin 10
RD A'
Pin 9
+12VDC
Positive DC Supply Input
Pin 11
RD B'
Pin 10
–12VDC
Negative DC Supply Input
Pin 12
SIG RTN
Pin 16
Echo Sup Echo Suppression
(tie to pin 17 to enable)
Pin 17
Echo Sup Echo Suppression
(tie to pin 16 to enable)
Pin 20
DTR
Data Terminal Ready
(connected to Data
Set Ready)
The LDM485 conforms to EIA RS-232 and RS-485 specifications.
Data Terminal Ready must be asserted by the host RS-232 port before
the LDM485 can transmit data. When Data Terminal Ready is not
asserted, all outputs of the LDM485 are high impedance, allowing up
to 64 LDM485 units to be multidropped on a common
communications cable. See Figures 1 and 3 for details.
Request To Send and Clear To Send are carried through the RS-485
port as two separate wire pairs. These may be used for full duplex
flow control.
Cable Capacitance Effects On Distances
The distances in the specifications are for the wire sizes 18-24AWG
(0.82-0.20mm2) with a maximum capacitance of 25pF/ft (82pF/m).
For higher capacitance cables, decrease distance specifications for
Figure 1. LDM485 Logic Diagram
TD
RD
RTS
DTR
DSR
RLSD
CTS
+ 12VDC
Gnd
Case
RLSD
RD
DCE
DTE
TD
RTS
DTR
Light = High = Space
+V
CTS
* Light = High = Asserted
+V
+V
Light = Low = TD/RTS Enabled
Light = Low = Asserted
Light = Low = Space
+
-
+
-
8
7
4
3
B’
A’
RD
12VAC
PWR RTN
A’
B’
CTS
Opto-Iso
Barrier
+V
+V
+V
-12VDC
RTS
TD
SIG RTN
SIG RTN
(Isolated RS-485 Ground)
* "Light"is presence of light
across Opto-Iso barrier.
Echo Sup.
Echo Sup.
+5I
1k
120
1k
+5I
1k
120
1k
5
2
1
2
3
4
6
8
5
9
7
1
10
6
9
16
17
20
RS-232
P1
RS-485
P2
TD, RD
RTS, CTS, DTR, RLSD
Mark =-V; Space = +V
Asserted = + V, Not Asserted = -V
Mark
Space
Asserted
Not Asserted
Aor A’
Low
High
High
Low
BorB’
High
Low
Low
High
NOTE: Open or Tri-State on RD inputs produces
a Mark state, and on CTS inputs produces an
Asserted state.
TD, RD
RTS, CTS
11
12
10
B
A
B
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com