Electronic Components Datasheet Search
  English  ▼

X  

LDM485 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LDM485
Description  Fully Isolated Limited Distance Modem, RS-232/485 Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LDM485 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LDM485 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
22
®
LDM485
Fully Isolated
Limited Distance Modem,
RS-232/485 Converter
Description
The LDM485 is a compact RS-232 to RS-485 converter which features
a complete electrical isolation barrier and heavy duty electrical surge
protectors. These devices feature a rugged aluminum enclosure small
enough to mount on the back panel of typical computer equipment,
saving valuable desk and floor space. Isolation is provided by optical
couplers and a DC-to-DC converter. The RS-232 connection is through
male or female EIA 25-pin connectors. The RS-485 connections are
made through convenient solderless screw terminals.
The LDM485 series is designed for full duplex operation over two-
wire pairs. Outputs are tri-state, allowing multidropping of up to 64
units. Hardware handshake is available over two separate wire pairs.
Data rates are DC to 57.6k baud. Six diagnostic LED indicators are
provided (see Figure 1) for installation guidance and system
troubleshooting. The RS-232 interface supports Request To Send,
Clear To Send, Data Set Ready, Received Line Signal Detect, and
Data Terminal Ready. A convenient null modem switch is provided for
the data lines. Also, a line termination switch connects a line
termination resistor and line bias resistors to the RS-485 receive lines.
The RS-485 interface supports Request To Send and Clear To Send
on separate wire pairs. The LDM485 may be used to convert two sets
of send and receive channels by using RTS and CTS circuits as the
second data channels. Data rates are the same. The units use 12VAC
from a wall-mounted transformer to screw terminals 1 and 2 on the
RS-485 connector. Alternately, they can use ±12VDC to pins 9 (+)
and 10 (–) of the RS-232 connector.
Specifications
Model
LDM485
Baud Rate Range
0 – 57.6K
Baud Rate
57.6K 38.4K 19.2K
9.6K
4.8K 2.4K – 0
Distance (miles)(1)
0.513
45
8
Distance (km)
0.8
1.7
5
6.7
8.3
13.3
Wire Capacitance
Equal to 25pF per foot and up to 32 multidrop units
Maximum Multidrop Units
64
Common Mode
Surge: 1500V
Isolation
Continuous: 1000V
Differential Mode
(AC input)
Surge Protection
ANSI/IEEE C37.90.1-1989
(9 devices)
(all RS-485 inputs and outputs)
Modes
Asynchronous 4-wire duplex, 2-wire half-duplex,
2-wire simplex
Model
LDM485
Channel Lines(2)
TD, RD, RTS, CTS
Control Lines(2)
RTS, CTS, DTR, DSR, RLSD
Null Modem Switch
1 (Reverses RS-232 pins 2 and 3)
RS-485 Output Drive
60mA max/output
RS-485 Input Impedance
12k
Ω min/input
Power:
AC operation(3)
12VAC, ±10%, 10W screw terms 1 & 2
DC operation
+11.5 to +17VDC @ 500mA on pin 9
-11.5 to -17VDC @ 100mA on pin 10
Operating Environment
0
°C to +70°C, 0-95% relative humidity,
noncondensing
Dimensions
6.6 in x 2.1 in x 1.28 in
(167.6 mm x 53.3 mm x 32.5 mm)
Weight
7 oz (200 g) max
PT3, PT3E
11.0 oz (311.8 g) max
MTBF(4)
>100,000 hrs
Notes: (1) Distances reduced if multidropping more than 32 units; by 30% for 33-48 units, 50% for 49-
64. (2) TD = Transmit Data, RD = Receive Data, RTS = Request To Send, CTS = Clear To Send, DTR =
Data Terminal Ready, DSR = Data Set Ready, RLSD = Received Line Signal Detect. (3) 120VAC and 220
VAC power transformers are available. (4) Ground-benign environmental conditions (no salt atmosphere,
<50°C ambient temperature).
Dataforth does not authorize or warrant its products for use in life support/critical applications.
Features
Á COMPLETE ISOLATION WITH OPTICAL COUPLERS
AND POWER DC-TO-DC CONVERTER
Á INDUSTRIAL SURGE PROTECTION DEVICES
Á SIX LED DIAGNOSTIC INDICATORS
Á 19.2K BAUD AT 3 MILES (5KM), 57.6K BAUD AT 0.5
MILES (0.8KM)
Á REQUEST-TO-SEND, CLEAR-TO-SEND HANDSHAKE
Á TRI-STATE OUTPUTS FOR MULTIDROP
APPLICATIONS, UP TO 64 DEVICES
Á SELECTION OF CONNECTORS
Á WIDE OPERATING TEMPERATURE RANGE
Á SOLDERLESS SCREW TERMINAL FIELD
CONNECTIONS


Similar Part No. - LDM485

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVSXT CARLOGAVAZZI-LDM40LSE0AVSXT Datasheet
430Kb / 7P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVSXX CARLOGAVAZZI-LDM40LSE0AVSXX Datasheet
430Kb / 7P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVXXT CARLOGAVAZZI-LDM40LSE0AVXXT Datasheet
430Kb / 7P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVXXX CARLOGAVAZZI-LDM40LSE0AVXXX Datasheet
430Kb / 7P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
More results

Similar Description - LDM485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDM422 ETC1-LDM422 Datasheet
147Kb / 4P
Fully Isolated Limited Distance Modem, RS-232/422 Converter
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4561 ADVANTECH-ADAM-4561 Datasheet
134Kb / 1P
1-port Isolated USB to RS-232/422/485 Converter
PC-104 ADVANTECH-PC-104 Datasheet
2Mb / 2P
Isolated RS-232/422/ 485 Module
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
Advantech Co., Ltd.
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
Heavy Industrial RS-232 to RS-422/485 Isolated Converter
ULI-314DC ADVANTECH-ULI-314DC Datasheet
361Kb / 2P
USB to RS-232/422/485 Isolated Converter
1-Jul-2022
BB-485CON ADVANTECH-BB-485CON Datasheet
488Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485COSR ADVANTECH-BB-485COSR Datasheet
470Kb / 2P
RS-232 to RS-485 Serial Converter
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com