Electronic Components Datasheet Search
  English  ▼

X  

LDM485 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LDM485
Description  Fully Isolated Limited Distance Modem, RS-232/485 Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LDM485 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LDM485 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
25
®
B
DIP Switches On
(Down Position)
DIP Switches On
(Down Position)
DIP Switches Off
(Up Position)
. . .
. . .
Figure 3. LDM485 Multidrop Wiring Connection
LDM485-SE
Female RS-232 connector and European power
transformer
PT3
Wall mount U.S. power transformer, 120VAC
PT3E
Wall mount Euro power transformer, 220VAC
LDM485-P
Male RS-232 connector
LDM485-S
Female RS-232 connector
LDM485-PT
Male RS-232 connector and U.S. power transformer
LDM485-ST
Female RS-232 connector and U.S. power transformer
LDM485-PE
Male RS-232 connector and European power transformer
Ordering Information
Figure 4. LDM485 Mechanical Drawing
1.65 (41.9)
1.28 (32.5)
Field Connector
RS-232 Connector
2.10 (53.3)
1.852 (47.0)
0.175 0.010 (4.4 0.25)
Connector C/L
0.26 (6.6)
0.120 (3.1) Dia (1 Place)
0
0
0.21 0.01 (5.3 0.25)
0.51 0.01
(13.0 0.25)
5.25 (133.3)
4.75 (120.7)
5.58 (141.7)
6.42 (163.1)
Connector
Flange Detail
Line Termination
DIP Switch Access
Dimensions: Inches (Millimeters)
0.728 (18.5)
0.525 (13.3)
0.13 0.01 (3.3 0.25)
1.01 (25.6)
0
0.531
(13.5)
0.315
(8.0)
A
B
RTN
A’
B’
RTN
TD
RD
12VAC
PWR RTN
A
B
A’
B’
RTS
CTS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com