Electronic Components Datasheet Search
  English  ▼

X  

LDM485 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LDM485
Description  Fully Isolated Limited Distance Modem, RS-232/485 Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LDM485 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LDM485 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDM485 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
24
®
2400 baud and above by a proportionate amount. For example, shielded
cable with 50pF/ft (164pF/m) would reduce the distances by 50%.
Recommended wire gauges are #18 to #24 (0.82-0.20mm2).
For baud rates of 1200 and below, distances are limited by DC voltage
drop. For 2400 baud and above, distances are limited by pulse
distortion. The use of low-capacitance cable can extend the distances
shown. Belden 9182 and 9184 are, respectively, single and dual
twisted-pair cables that are especially designed for high-speed data
communications applications. With these cables the distances can
be extended by 50%. However, the DC-resistance-limited distance
given under 1200 baud may not be exceeded.
Cable capacitance for individually shielded wire pairs is usually given
by manufacturers as capacitance between wires and capacitance from
each wire to the shield. The effective transmission line capacitance
is approximately the interwire capacitance plus one-half of the wire-
to-shield capacitance.
Installation
Installation of the LDM485 consists of attaching it to its mating 25-pin
connector on the terminal of the host computer, either directly or through
a cable. Optional mounting screws and screw jacks are provided.
The DCE/DTE (data-communication equipment/data terminal
equipment) switch must be set to be complementary to the terminal
or computer port (DCE connects to DTE and DTE to DCE). Since the
LDM485 is a communications device, its normal setting is DCE.
In the event that the host port is not known, the LED indicators may
be used to find the proper switch setting. The transmit and receive
LEDs will be off during a MARK, which is the normal, or standby,
condition when no data is being transmitted. Set the switch to the
position which allows these LEDs to be off. The field wiring as shown
in Figure 2 must be correct. It is sometimes useful to tie the RS-485
data output back to the RS-485 input during initial check-out.
The four other LEDs indicate the status of various control conditions and
will be on when these functions are asserted. An open circuit to Request
To Send will be interpreted as assertion, allowing convenient operation
with equipment not supporting this function. An open circuit on the
Receive Data line of the RS-485 circuits will be interpreted as a MARK.
For 2-wire half-duplex and for 2-wire multi-drop installations, echo
suppression is available by strapping P1 pin 16 to P1 pin 17. Then RTS
asserted enables echo suppression and forces RD (P1 pin 3) to a MARK.
Data Terminal Ready, DTR, must be asserted before the LDM485 can
transmit data. This is normally done by the host computer. For
situations where the host equipment does not have the capability of
supplying a DTR signal, RLSD may be used to automatically assert
DTR. On the RS-232 connector P1 of each LDM485, simply connect
RLSD pin 8 to DTR pin 20. This connection is not appropriate for
multi-drop installations.
Figure 2. Field Wiring, LDM to LDM
Unit 1
Unit 2
Function
Function
Terminal
Terminal
12VAC
PWR RTN
(local)
A
B
A’
B’
A
B
A’
B’
RTS
Output
CTS
Input
TD
Output
RD
Input
SIGNAL RTN
SIGNAL RTN
12VAC
PWR RTN
(local)
A’
B’
A
B
A’
B’
A
B
SIGNAL RTN
SIGNAL RTN
1
2
3
4
5
6
7
8
10
11
9
12
1
2
3
4
5
6
1
2
5
6
3
4
10
11
7
8
9
12
7
8
9
10
11
12
Note: Signal return
not required. Shield
connection if used.
Notes: (1) For data channels MARK is A negative relative to B. (2) For control lines Assertion is A
positive relative to B. (3) RTS = Request To Send, CTS = Clear To Send, TD = TransmittedData, RD
= Received Data. (4) Recommended wire sizes are 14AWG to 22AWG. Belden 8442 or Signal 1172
are typical low cost, nonshielded, twisted pair cables for use with LDM485. (5) Signal return is not
required. Cable shield, if used, should be connected to SIGNAL RTN. (6) LDM485 units are suitable for
use in RS-422/485 applications.
For multi-drop installations, the following points should be considered
(see Figure 3 for multi-drop wiring connections):
1. If the LDM485 is not powered, it releases the transmit bus so
other RS-485 devices may use the bus.
2. Local equipment connected to the RS-232 connector must not
leave DTR in the asserted state.
3. An open circuit or zero volts on the RS-232 connector pin 20
(DTR) is equivalent to disassertion.
4. The RS-485 line should be terminated at both ends using internal
line termination DIP switches (see Figure 3). Stub length off the main
line should be as short as possible.
5. DTR should be asserted at least 5.0µs before start bit and
disasserted at end of last stop bit. This disables the RS-485 line after
6.0µs min.
WARNING!
WARNING!
WARNING!
WARNING!
WARNING! Because PWR RTN and RS-232 GND (P1-7) and Shield (P1-
1) are common, when powering more than one unit from the same
transformer, wire all units' 12VAC's together to one side of the secondary
and all PWR RTN's together to the other side of the secondary.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com