Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL99201IRTDEVZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL99201IRTDEVZ Datasheet HTML 1Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 2Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 3Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 4Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 5Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 6Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 7Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 8Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISL99201
FN6742 Rev 2.00
Page 4 of 11
November 1, 2013
GAIN CONTROL
Closed-Loop Gain
D version user program
(Max Gain, Ri = 0
)
27.5
28.5
29.5
dB
A version
5.7
6
6.3
dB
B version
9.2
9.6
10
dB
C version
11.5
12
12.5
dB
Differential Input Impedance
ZIN
SD = VDD, A version
70
k
SD = VDD, B version
46.25
k
SD = VDD, C version
35
k
SD = VDD, D version, Ri = 2.5k
7.5
k
SD = GND
100
k
SHUTDOWN CONTROL
Input Voltage High
VIH
1.2
V
Input Voltage Low
VIL
0.5
V
Turn-on Time
tWU
SD rising edge from GND to VDD
3.5
ms
Turn-off Time
tSD
SD falling edge from VDD to GND
5
µs
Output Impedance
ZOUT
SD = GND
>100
k
NOISE PERFORMANCE
Output Voltage Noise
En
VDD = 3.6V, f = 20Hz to 20kHz, inputs are AC grounded,
AV = 6dB, A-weighting
27
µV
VDD = 3.6V, f = 20Hz to 20kHz, inputs are AC grounded,
AV0 = 6dB, no weighting
35
µV
Signal-to-Noise Ratio
SNR
POUT = 1W, RL = 8
102
dB
NOTES:
4. Limits established by Characterization and are not production tested
5. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Typical Values Are Tested at VDD = 5V and the Ambient Temperature at +25°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com