Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL99201IRTDEVZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL99201IRTDEVZ Datasheet HTML 3Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 4Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 5Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 6Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 7Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 8Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 9Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 10Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL99201
FN6742 Rev 2.00
Page 7 of 11
November 1, 2013
FIGURE 7. POWER DISSIPATION vs OUTPUT POWER
FIGURE 8. OUTPUT POWER vs SUPPLY VOLTAGE
FIGURE 9. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 10. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 11. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 12. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201A
Typical Performance Characteristics (Continued)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.25
0.50
0.75
1.00
1.25
1.50
OUTPUT POWER (W)
VDD = 5V
RL = 8
0
0.5
1.0
1.5
2.0
2.5
2.5
3.5
4.5
5.0
SUPP L Y VOLTAGE (V)
3.0
4.0
RL = 8
f = 1kHz
GAIN = 4V/V
THD = 10%
THD = 1%
0.01
0.10
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
0.015W
0.075W
0.2W
VDD = 2.5V
RL = 8
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
0.125W
0.25W
0.5W
VDD = 3.6V
RL = 8
FREQUENCY (Hz)
0.01
0.10
1
10
10
100
1k
10k
100k
1W
0.5W
0.25W
0.125W
VDD = 5V
RL = 8
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
INPUTS AC-GROUNDED
RL = 8
CL = 2µF
ISL99201A
VDD = 2.5V
VDD = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com