Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL99201IRTDEVZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL99201IRTDEVZ Datasheet HTML 1Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 2Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 3Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 4Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 5Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 6Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 7Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 8Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISL99201
FN6742 Rev 2.00
Page 5 of 11
November 1, 2013
Pin Descriptions
SD
Shutdown Active Low. This signal is used to shut down and activate
the part. It is 1.8V to 5V compatible. During shutdown, the part
draws less than 100nA input current. Coming out of shutdown takes
3.5ms and going into shutdown is instantaneous.
SYNC
External clock input. This pin allows the chip to be synchronized to a
system clock. This helps in folding the spectral components and the
switching harmonic out of band of interest. The range of SYNC
frequency is from 250kHz to 800kHz.
IN+
Positive Differential Input.
IN-
Negative Differential Input.
VO+
Positive BTL output.
GND
Ground.
VDD
Power Supply.
VO-
Negative BTL output.
Block Diagram (Notes)
SAW TOOTH
GENERATOR
SHUTDOW N
LOGIC
OVER
CURRENT
PROTECTION
BIAS AND
REFERENCE
CLICK AND POP
SUPPRESSION
VDD
VO-
VO+
SD
SYNC1
IN+
IN-
GND
GATE DRIVE
WITH
SRC
GATE DRIVE
WITH
SRC
COM P
COM P
VDD
VDD
+180°
+
-
-
+
-
+
+
-
+
-
Notes:
Gain = 6dB, 9.6dB, 12dB (gain setting)
Gain =
; with external resistor
140k
(Ri + 5kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com