Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL99201IRTDEVZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL99201IRTDEVZ Datasheet HTML 2Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 3Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 4Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 5Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 6Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 7Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 8Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 9Page - Renesas Technology Corp ISL99201IRTDEVZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL99201
FN6742 Rev 2.00
Page 6 of 11
November 1, 2013
Typical Performance Characteristics
FIGURE 1. EFFICIENCY vs OUTPUT POWER
FIGURE 2. SUPPLY CURRENT vs OUTPUT POWER
FIGURE 3. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 4. TOTAL HARMONIC DISTORTION + NOISE vs
OUTPUT POWER
FIGURE 5. COMMON MODE REJECTION MODE vs
FREQUENCY
FIGURE 6. POWER DISSIPATION vs OUTPUT POWER
0
10
20
30
40
50
60
70
80
90
100
0
0.250.50
0.751.001.25
1.501.75
VDD = 2.5 V
VDD = 3.6 V
RL= 8+ 33µH
OUTPUT POWER (W)
VDD= 5 V
0
50
100
150
200
250
300
350
400
0
0.25
0.50
0.75
1.0
1.25
1.50
1.75
OUTPUT POWER (W)
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
RL= 8+ 33µH
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT SUPPLY (V)
RL= 8+ 33µH
RL= NO LOAD
0.01
0.10
1
10
100
0.01
0.10
1
10
VDD = 5V
RL= 8
VDD = 3.6V
VDD = 3V
VDD = 2.5V
OUTPUT POWER (W)
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD= 3.6V
VIC = 1VP-P
RL = 8
0
0.05
0.10
0.15
0.20
0.25
0.30
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
OUTPUT POWER (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com