Electronic Components Datasheet Search
  English  ▼

X  

IXD1209 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # IXD1209
Description  High Speed LDO Regulator with ON/OFF Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1209 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button IXD1209 Datasheet HTML 2Page - Zilog, Inc. IXD1209 Datasheet HTML 3Page - Zilog, Inc. IXD1209 Datasheet HTML 4Page - Zilog, Inc. IXD1209 Datasheet HTML 5Page - Zilog, Inc. IXD1209 Datasheet HTML 6Page - Zilog, Inc. IXD1209 Datasheet HTML 7Page - Zilog, Inc. IXD1209 Datasheet HTML 8Page - Zilog, Inc. IXD1209 Datasheet HTML 9Page - Zilog, Inc. IXD1209 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
IXD1209/12
© 2014 IXYS Corp.
6
Doc. No. IXD1209/12_DS, Rev. N0
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (CONTINUED)
Dropout Voltage for products with ± 2% accuracy
SYMBOL
E-0
E-1
E-2
NOMINAL
VOLTAGE
OUTPUT VOLTAGE, V (± 2%)
DROPOUT VOLTAGE1, mV
IOUT = 30 mA
DROPOUT VOLTAGE 2, mV
IOUT = 100 mA
VOUT
VDIF1
VDIF2
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
0.90
0.870
0.930
1100
1110
1150
1200
0.95
0.920
0.980
1.00
0.970
1.030
1000
1010
1050
1100
1.05*
1.020
1.080
1.10*
1.070
1.130
900
910
950
1000
1.15*
1.120
1.180
1.20*
1.170
1.230
800
810
850
900
1.25*
1.220
1.280
1.30*
1.270
1.330
700
710
750
800
1.35*
1.320
1.380
1.40*
1.370
1.430
600
610
650
700
1.45*
1.420
1.480
1.50*
1.470
1.530
500
510
550
600
1.55*
1.519
1.581
1.60*
1.568
1.632
400
410
500
550
1.65*
1.617
1.683
1.70*
1.666
1.734
300
310
400
450
1.75*
1.715
1.785
1.80*
1.764
1.836
200
210
300
400
1.85*
1.813
1.887
1.90*
1.862
1.938
120
150
280
380
1.95*
1.911
1.989
2.00
1.960
2.040
80
120
240
350
2.05
2.009
2.091
2.10
2.058
2.142
330
2.15
2.107
2.193
2.20
2.156
2.244
2.25
2.205
2.295
310
2.30
2.254
2.346
2.35
2.303
2.397
2.40
2.352
2.448
2.45
2.401
2.499
2.50
2.450
2.550
70
100
220
290
2.55
2.499
2.601
2.60
2.548
2.652
2.65
2.597
2.703
2.70
2.646
2.754
2.75
2695
2.805
2.80
2.744
2.856
270
2.85
2.793
2.907
2.90
2.842
2.958
2.95
2.891
3.009
3.00
2.940
3.060
60
90
200
3.05
2.989
3.111
3.10
3.038
3.162
250
3.15
3.087
3.213
3.20
3.136
3.264
3.25
3.185
3.315
3.30
3.234
3.366
3.35
3.283
3.417
3.40
3.332
3.468
3.45
3.381
3.519
3.50
3.430
3.570
3.55
3.479
3.621
* Required operating voltage is VIN ≥ 2.0 V minimum. VDIF = 2.0 V-VOUT (T) minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com