Electronic Components Datasheet Search
  English  ▼

X  

IXD1209 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # IXD1209
Description  High Speed LDO Regulator with ON/OFF Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1209 Datasheet(HTML) 5 Page - Zilog, Inc.

  IXD1209 Datasheet HTML 1Page - Zilog, Inc. IXD1209 Datasheet HTML 2Page - Zilog, Inc. IXD1209 Datasheet HTML 3Page - Zilog, Inc. IXD1209 Datasheet HTML 4Page - Zilog, Inc. IXD1209 Datasheet HTML 5Page - Zilog, Inc. IXD1209 Datasheet HTML 6Page - Zilog, Inc. IXD1209 Datasheet HTML 7Page - Zilog, Inc. IXD1209 Datasheet HTML 8Page - Zilog, Inc. IXD1209 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
IXD1209/12
© 2014 IXYS Corp.
5
Doc. No. IXD1209/12_DS, Rev. N0
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (CONTINUED)
IXD1209/12 Type G, H
Ta = 25 0C
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Output Voltage (2%)
3)
VOUT(E)
1)
IOUT = 30 mA
VOUT(T)x
0.98
VOUT(T)
*
VOUT(T)x
1.02
V
Output Voltage (1%)
4)
VOUT(T)x
0.99
VOUT(T)
*
VOUT(T)x
1.01
Maximum Output Current
IOUT_MAX
VIN = E-3
5)
E-4
mA
Load Regulation
∆VOUT1
1 mA ≤ IOUT ≤ 100 mA
15
50
mV
∆VOUT2
1 mA ≤ IOUT ≤ 300 mA
100
Dropout Voltage
2)
VDIF1
IOUT = 30 mA
E-1
mV
VDF2
IOUT = 100mA
E-2
Supply
Current
Type G
ISS
VCE = VIN = VOUT(E) + 1.0 V
When VOUT ≤ 0.95 V, VCE = VIN = 2.0 V
28
55
µA
Type H
25
50
Standby Current
ISTB
VCE = 0 V
0.01
0.10
µA
Line Regulation
∆
∆
VOUT(E) + 1.0 V ≤ VIN ≤ 10 V
When VOUT ≤ 0.95 V, 2.0 V ≤ VIN ≤ 10 V
IOUT = 30 mA,
When VOUT ≤ 1.75 V, IOUT = 10 mA
0.01
0.20
%/V
Input Voltage
VIN
2
10
V
Output Voltage Temperature
Characteristics
∆
∆
IOUT = 30 mA
- 40
0C ≤ T
OPR ≤ 85
0C
± 100
ppm/
0C
Power Supply Rejection Ratio
PSRR
VIN = (VOUT(E) + 1.0 V) + 1 Vp-pAC
When VOUT ≤ 1.5 V,
VIN = 2.5 V + 1.0 Vp-pAC,
IOUT = 10 mA, f = 10 kHz
70
dB
Current Limit
ILIM
VIN = VOUT(E) + 1.0 V, VCE = 0 V
When VOUT ≤ 1.75 V, VIN = VOUT(E) + 2.0 V
380
mA
Short Current
ISHORT
VCE = 0 V, When VOUT ≤ 1.75 V,
VIN = VOUT(E) + 2.0 V
50
mA
CE “H” Level Voltage
VCEH
1.6
VIN
V
CE “L” Level Voltage
VCEL
0.25
V
CE “H” Level Current
ICEH
VCE = VIN = VOUT(E) + 1.0 V
When VOUT ≤ 0.95 V, VCE = VIN = 2.0 V
-0.1
0.1
µA
CE “L” Level
Current
Type G
ICEL
VCE = 0 V, VIN = VOUT(E) + 1.0 V
When VOUT ≤ 0.95 V, VCE = VIN = 2.0 V
-5.0
-0.8
µA
Type H
-0.1
0.1
NOTE:
1)
Unless otherwise stated, VIN = VOUT (T) +1.0 V. If VOUT is less than 0.95 V, VIN = 2.0 V; VOUT (T) is Nominal output voltage and VOUT (E) is
Effective output voltage, (I.e. the output voltage when "VOUT (T) +1.0V" is provided at the VIN pin, while maintaining a certain IOUT value).
2)
VDIF = {VIN-VOUT}, where VIN1 is the input voltage when VOUT = 0.98 VOUT(T) appears, while input voltage gradually decreases
3)
If VOUT (T) is less than 1.45 V, MIN. = VOUT (T) - 30 mV, MAX. = VOUT(T) + 30 mV
4)
For products with VOUT (T) > 3.0 V only.
5)
Refer to the “Dropout Voltage” table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com