Electronic Components Datasheet Search
  English  ▼

X  

IXD1209 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # IXD1209
Description  High Speed LDO Regulator with ON/OFF Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1209 Datasheet(HTML) 1 Page - Zilog, Inc.

  IXD1209 Datasheet HTML 1Page - Zilog, Inc. IXD1209 Datasheet HTML 2Page - Zilog, Inc. IXD1209 Datasheet HTML 3Page - Zilog, Inc. IXD1209 Datasheet HTML 4Page - Zilog, Inc. IXD1209 Datasheet HTML 5Page - Zilog, Inc. IXD1209 Datasheet HTML 6Page - Zilog, Inc. IXD1209 Datasheet HTML 7Page - Zilog, Inc. IXD1209 Datasheet HTML 8Page - Zilog, Inc. IXD1209 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
IXD1209/12
© 2014 IXYS Corp.
1
Doc. No. IXD1209/12_DS, Rev. N0
Characteristics subject to change without notice
High Speed LDO Regulator with ON/OFF Control
FEATURES
o
Output Current up to 150 mA (300 mA for
IXD2109E/H type)
o
Output Voltage Range from 0.9 V to 6.0 V with
0.05 V increments
o
Output Voltage Accuracy ±2% (at VOUT > 1.5 V),
± 30 mV (at VOUT ≤ 1.5 V)
o
Dropout Voltage 60 mV @ 30 mA , 0.20 V @
100 mA
o
Maximum Operating Voltage 10 V
o
Low Power Consumption at 25 µA typical
o
Standby Current less than 0.1 µA typical
o
Ripple Rejection 70 dB at 10 kHz
o
Low ESR Ceramic Capacitor compatible
o
Operating Ambient Temperature - 40 + 85
0C
o
Packages : SOT-25, SOT-89-5 , and USP-6B
o
EU RoHS Compliant, Pb Free
APPLICATIONS
o
Mobile phones
o
Cameras, VCRs
o
Various portable equipment
o
Reference voltage source
DESCRIPTION
The IXD1209/12 are a highly precise, low noise,
positive voltage LDO regulators manufactured using
CMOS processes. The IXD1209/12 have a high
ripple rejection factor and low dropout. They consist
of a voltage reference, an error amplifier, a current
limiter, a phase compensation circuit, and a driver
transistor.
Output voltage is selectable in 0.05V increments
within a range of 0.9 V ~ 6.0 V.
The IXD1209/12 are compatible with low ESR
ceramic capacitors, and due excellent transient
response,
they
maintain
stability
even
during
significant load fluctuations. The current limiter's
foldback circuit operates also as a short circuit
protection.
The chip enable (CE) function allows disable IC,
greatly reducing power consumption.
Regulator is available in SOT-25, SOT-89-5, and
USP-6B packages.
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTIC
Supply Current vs. Input Voltage (
IXD1209/12 F122)


Similar Part No. - IXD1209

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD1216 ZILOG-IXD1216 Datasheet
3Mb / 33P
28 V, 150 mA Voltage Regulator with Stand-by Mode
More results

Similar Description - IXD1209

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70203CS2G0 TOKO-TK70203CS2G0 Datasheet
157Kb / 2P
1.03V positive LDO regulator IC with on/off control
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
High Sprred LDO Regulators Output ON-OFF Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
High Speed LDO Regulators Output ON-OFF Control
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
150mA High Speed LDO Voltage Regulator with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
300mA High Speed LDO Regulator with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
300mA High Speed LDO Regulator with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
300mA/150mA High Speed LDO Regulators with ON-OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com