Electronic Components Datasheet Search
  English  ▼

X  

IXD1209 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # IXD1209
Description  High Speed LDO Regulator with ON/OFF Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1209 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button IXD1209 Datasheet HTML 5Page - Zilog, Inc. IXD1209 Datasheet HTML 6Page - Zilog, Inc. IXD1209 Datasheet HTML 7Page - Zilog, Inc. IXD1209 Datasheet HTML 8Page - Zilog, Inc. IXD1209 Datasheet HTML 9Page - Zilog, Inc. IXD1209 Datasheet HTML 10Page - Zilog, Inc. IXD1209 Datasheet HTML 11Page - Zilog, Inc. IXD1209 Datasheet HTML 12Page - Zilog, Inc. IXD1209 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
IXD1209/12
© 2014 IXYS Corp.
9
Doc. No. IXD1209/12_DS, Rev. N0
Characteristics subject to change without notice
PIN CONFIGURATION
IXD1209
IXD1212
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
IXD1209
IXD1212
SOT-25
SOT-89 5
USP-6B
SOT-25
1
4
1
3
VIN
Power Input
2
2
5
2
VSS
Ground
3
3
6
4
CE
ON/OFF Control
4
1
2, 4
5
NC
No Connection
5
5
3
1
VOUT
Output Voltage
CE PIN FUNCTION
IC TYPE
CE PIN STATE
IC STATE
A, B, E, F
H
ON
L
OFF
C, D, G, H
H
OFF
L
ON
BLOCK DIAGRAMS
IXD2109/12 Type A, E
IXD2109/12 Type B, D, F, H
IXD2109/12 Type C, G
Diodes inside the circuits are ESD protection diodes and parasitic diodes.
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended
mounting
pattern
and
metal masking to enhance mounting
strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to the
VSS (No.5) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com