Electronic Components Datasheet Search
  English  ▼

X  

IXD3220 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # IXD3220
Description  16V Input Voltage Step-Down DC/DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD3220 Datasheet(HTML) 1 Page - Zilog, Inc.

  IXD3220 Datasheet HTML 1Page - Zilog, Inc. IXD3220 Datasheet HTML 2Page - Zilog, Inc. IXD3220 Datasheet HTML 3Page - Zilog, Inc. IXD3220 Datasheet HTML 4Page - Zilog, Inc. IXD3220 Datasheet HTML 5Page - Zilog, Inc. IXD3220 Datasheet HTML 6Page - Zilog, Inc. IXD3220 Datasheet HTML 7Page - Zilog, Inc. IXD3220 Datasheet HTML 8Page - Zilog, Inc. IXD3220 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Product Specification
IXD3220/IXD3221
PS034101-0515
PRELIMINARY
1
16V Input Voltage Step-Down DC/DC Controller
FEATURES
Operating Input Voltage Range: 2.8V ~ 16.0V
Output Voltage Range Externally Set: > 1.2V
Output Current: up to 3A
Reference Voltage: 0.9V ± 1.5%
Oscillation Frequency: 300 kHz, 500 kHz and 1
MHz
Operating Mode: PWM (IXD3220) or PWM/PFM
automatically switching (IXD3221)
Soft Start: 4 ms internal (IXD3220A/221A) or > 4
ms externally set (IXD3220B/221B)
Protection: Integral and Short Circuit
Small Package: SOT-25, USP-6C
APPLICATION
Set top boxes
Digital TVs
DVD/HDD recorders
Various portable equipment
DESCRIPTION
The IXD3220/221 series are multi-purpose step-down
DC/DC controllers, which require only a transistor, a
coil, a diode, and two capacitors connected externally
to create a high efficiency stable power supply with
output current up to 3A. Low ESR ceramic capacitors
can be used as an output capacitor.
The IXD3220/221 series has a 0.9 V (±1.5 %)
reference voltage, which allows set output voltage in
wide range using external resistive divider.
Switching frequency of 300 kHz, 500 kHz, and
1.0 MHz allows use of small external components.
The IXD3220 series utilize PWM mode, while the
IXD3221 series utilize either PWM or PFM mode,
automatically switching from PWM to PFM at light
loads to achieve high efficiency over a wide range of
load conditions.
The IXD3220/221series A and C versions have soft
start function internally set to 4 ms, and the
IXD3220/221 series B and D versions allow set-up
soft start externally.
The built-in UVLO (Under Voltage Lock Out) function
forces the external P-channel transistor in OFF state
when input voltage becomes 2.3V or lower.
If the FB pin is shorted to the Ground or the output
voltage drops rapidly because of overload, resulting
in VFB < 0.7 V, the external P-channel transistor is
forced OFF and latched in this state.
The latching state does not mean a complete
shutdown, but a state in which pulse output is
suspended; but the internal circuitry remains in
operation. To restart circuit, either VIN or CE pin
should be triggered.
Integral Protection Circuit monitors the duty cycle at
EXT pin. In case of high load, when duty cycle ratio
exceed maximum allowed value a certain amount of
time (tPRO), the EXT pin latches at high level and
keeps the external P-channel transistor in OFF state.
To restart circuit, either VIN or CE pin should be
triggered.
For the applications with small dropout voltage,
working close to maximum allowed duty cycle ratio,
the IXD3220/221 series C or D versions without the
integral protection are recommended.
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTIC
Efficiency vs. Output Current
IXD3221A095MR - VOUT = 3.3 V, fOSC = 500 kHz, CIN = CL = 47 µF (OS-Con), L = 10
µH (CDRH8D43, (SUMIDA), Q - CPH3308, CFB =1.0 µF (ceramic), RFB =10Ω
RS requires with low ESR (ceramic) capacitors used as CL Neither tantalum or
aluminum capacitors require RS


Similar Part No. - IXD3220

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results

Similar Description - IXD3220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1622 LINER-LTC1622 Datasheet
219Kb / 16P
Low Input Voltage Current Mode Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
XC9220 TOREX-XC9220 Datasheet
517Kb / 22P
16V Input Voltage, Step-Down DC/DC Controller ICs.
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
Voltage, Synchronous Step-Down DC/DC Controller
LTC1622 LINER-LTC1622_15 Datasheet
198Kb / 16P
Low Input Voltage Current Mode Step-Down DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
16V Input, 3A, Step-Down DC/DC Converter
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
16V Input, 3A, Dual Step-Down DC/DC Converter
logo
Linear Technology
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com