Electronic Components Datasheet Search
  English  ▼

X  

IXD3220 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # IXD3220
Description  16V Input Voltage Step-Down DC/DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD3220 Datasheet(HTML) 4 Page - Zilog, Inc.

  IXD3220 Datasheet HTML 1Page - Zilog, Inc. IXD3220 Datasheet HTML 2Page - Zilog, Inc. IXD3220 Datasheet HTML 3Page - Zilog, Inc. IXD3220 Datasheet HTML 4Page - Zilog, Inc. IXD3220 Datasheet HTML 5Page - Zilog, Inc. IXD3220 Datasheet HTML 6Page - Zilog, Inc. IXD3220 Datasheet HTML 7Page - Zilog, Inc. IXD3220 Datasheet HTML 8Page - Zilog, Inc. IXD3220 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Product Specification
IXD3220/IXD3221
PS034101-0515
PRELIMINARY
4
PIN CONFIGURATION
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
SOT-25
USP-6C
1
6
CE/CSS
Chip Enable/Soft Start (Logic High
– IC operating, Logic Low – IC in Off State)
2
5
VSS
Ground
3
4
FB
Output Voltage Sense
4
3
EXT
External Transistor Drive
-
2
NC
No Connection
5
1
VIN
Power Supply
BLOCK DIAGRAMS
IXD3220/221 A and C versions
IXD3220/221 B and D versions
BASIC OPERATION
The IXD3220/221 series ICs contain a reference voltage source, ramp wave circuit, error amplifier, PWM
comparator, phase compensation circuit, protection circuits, UVLO circuit, and others. IC
’s error amplifier compares
the internal reference voltage with the feedback voltage from the VOUT pin divided by external resistive divider.
Phase compensated signal from error amplifier
’s output applies to the inverting PWM comparator’s input, which
non-inverting input is connected to the output of the ramp wave circuit. Resulting PWM modulated signal from
comparator determines turn-on time. It applies to the buffer, which drives gate of the external MOSFET. This
process performs continuously to ensure stable output voltage by changing duty cycle of PWM pulses in respect to
error signal.
Reference Voltage Source
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC
converter.
Oscillator
The oscillator determines fixed switching frequency, which can be selected from 300 kHz, 500 kHz, and 1.0 MHz
Clock pulses generated in this circuit are used to produce ramp waveforms needed for PWM operation, and to
synchronize all internal circuits.
The dissipation pad for the USP-6C package
should be solder-plated in recommended
mount pattern and metal masking to enhance
mounting strength and heat release. If the pad
needs to be connected to other pins, it should
be connected to the pin No.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com