Electronic Components Datasheet Search
  English  ▼

X  

IXD3220 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # IXD3220
Description  16V Input Voltage Step-Down DC/DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD3220 Datasheet(HTML) 2 Page - Zilog, Inc.

  IXD3220 Datasheet HTML 1Page - Zilog, Inc. IXD3220 Datasheet HTML 2Page - Zilog, Inc. IXD3220 Datasheet HTML 3Page - Zilog, Inc. IXD3220 Datasheet HTML 4Page - Zilog, Inc. IXD3220 Datasheet HTML 5Page - Zilog, Inc. IXD3220 Datasheet HTML 6Page - Zilog, Inc. IXD3220 Datasheet HTML 7Page - Zilog, Inc. IXD3220 Datasheet HTML 8Page - Zilog, Inc. IXD3220 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Product Specification
IXD3220/IXD3221
PS034101-0515
PRELIMINARY
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
– 0.3 ~ 18.0
V
FB Pin Voltage
VRB
– 0.3 ~ 18.0
V
CE/CSS Pin Voltage
CE
– 0.3 ~ 18.0
V
EXT Pin Voltage
VEXT
VSS – 0.3 ~ VOUT + 0.3
V
EXT Pin Current
IEXT
±100
mA
Power Dissipation
SOT-25
PD
250
mW
USP-6C
100
Operating Temperature Range
TOPR
– 40 ~ + 85
0C
Storage Temperature Range
TSTG
– 55 ~ +125
0C
ELECTRICAL OPERATING CHARACTERISTICS
IXD3220/221 A and C versions
Unless otherwise specified, VIN = 5 V, Ta = 25
0C
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
FB Voltage
VFB
0.8865
0.9000
0.9135
V
Input Voltage Range
VIN
2.8
-
16.0
V
UVLO Voltage
(Minimum Operating Voltage)
VUVLO
1.9
2.3
2.7
V
Supply Current 2
IDD2
VIN = 5.0 V, VFB = 1.0 V
**
µA
Standby Current
ISTB
0.1
1
µA
Oscillation Frequency
fOSC
Connected to external components
**
kHz
Maximum Duty Cycle Ratio
DMAX
100
-
-
%
PFM Duty Cycle Ratio
DPFM
No load IXD3221 series only
15
25
35
%
EXT “H” ON Resistance
REXTH
6
10
16
Ω
EXT “L” ON Resistance
REXTL
6
12
20
Ω
Integral Protection Time (*2)
tPRO
IXD3220/221 A series
**
ms
Short-Circuit Protection
VSHRT
0 . 7
V
Soft-Start Time
tSS
**
ms
Efficiency (*1)
EFF1
92
%
FB Voltage Temperature
Characteristics
±100
ppm/
0C
CE “High” Voltage
VCEH
1.2
V
CE “Low” Voltage
VCEL
0.3
V
CE “High” Current
ICEH
VIN = VCE = 16 V
-0.1
0.1
µA
CE “Low” Current
ICEL
VIN = 16 V, VCE = 0 V
-0.1
0.1
µA
FB “High” Current
IFBH
VIN = VCE = 16 V
-0.1
0.1
µA
FB “Low” Current
IFBL
VIN = 16 V, VCE = 0 V
-0.1
0.1
µA
NOTE:
*1: EFF1 = {(output voltage) x (output current)} / {(input voltage) x (input current)} x 100
*2: No Integral protection function is available with the IXD3220/221 C series.
** Refer to the CHARACTERISTICS CHART BY OSCILLATION FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com