Electronic Components Datasheet Search
  English  ▼

X  

IXD3220 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # IXD3220
Description  16V Input Voltage Step-Down DC/DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD3220 Datasheet(HTML) 5 Page - Zilog, Inc.

  IXD3220 Datasheet HTML 1Page - Zilog, Inc. IXD3220 Datasheet HTML 2Page - Zilog, Inc. IXD3220 Datasheet HTML 3Page - Zilog, Inc. IXD3220 Datasheet HTML 4Page - Zilog, Inc. IXD3220 Datasheet HTML 5Page - Zilog, Inc. IXD3220 Datasheet HTML 6Page - Zilog, Inc. IXD3220 Datasheet HTML 7Page - Zilog, Inc. IXD3220 Datasheet HTML 8Page - Zilog, Inc. IXD3220 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Product Specification
IXD3220/IXD3221
PS034101-0515
PRELIMINARY
5
Error Amplifier
The error amplifier compares reference voltage with the FB pin voltage. When a feedback voltage is lower than the
reference voltage, output voltage increases, resulting in longer ON time of the switching MOSFET.
The gain and frequency characteristics of the error amplifier are set internally to deliver an optimized signal to the
PWM comparator.
Control Methods
The IXD3220 series ICs utilize PWM control, while the IXD3221 series ICs use either PWM or PFM control
automatically changing mode.
The IXD3220 series ICs provide a constant switching frequency disregard to load. When a switching frequency
noise is a concern, it is easy to filter it, since the frequency is fixed. However, the efficiency at light load may fall.
The IXD3221 series IC provide high efficiency at wide range of load, using PFM mode at light and PWM mode at
heavy load, automatically changing mode.
If inductor current becomes discontinuous at light load and duty cycle intends to be less than 25%, the IXD3221
switches to PFM mode with duty cycle fixed at 25%. It increases efficiency at light load, but switching frequency at
this mode depends on load. If noise at switching frequency is a concern, filtering circuitry should be designed for full
specter of switching frequency.
UVLO (Under Voltage Lock Out)
When the input voltage falls to 2.3 V or lower, UVLO circuitry becomes active. It forces external P-channel
MOSFET in OFF state and resets internal circuitry. When input voltage restores above UVLO value, IC resumes
normal operation with internal soft start (disregard to the existence of the external soft start circuitry at
IXD3220/221B and D versions)
Soft-Start Time
The IXD3220/221B and D series can adjust the soft-start time externally via the CE pin. The soft-start function
operates until the CE pin voltage rises above 2.6 V. Please refer to the following equation for calculating the soft-
start time.
TSS = - CSS x RSS x In {(VCE – 2.2) / VCE}
Minimum soft-start time is equal to the time set internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com