Electronic Components Datasheet Search
  English  ▼

X  

X9421 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X9421
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9421 Datasheet(HTML) 5 Page - Renesas Technology Corp

  X9421 Datasheet HTML 1Page - Renesas Technology Corp X9421 Datasheet HTML 2Page - Renesas Technology Corp X9421 Datasheet HTML 3Page - Renesas Technology Corp X9421 Datasheet HTML 4Page - Renesas Technology Corp X9421 Datasheet HTML 5Page - Renesas Technology Corp X9421 Datasheet HTML 6Page - Renesas Technology Corp X9421 Datasheet HTML 7Page - Renesas Technology Corp X9421 Datasheet HTML 8Page - Renesas Technology Corp X9421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
X9421
FN8196 Rev.1.00
Page 5 of 20
January 14, 2009
communication with the X9421. A maximum of two devices
may occupy the SPI serial bus.
Potentiometer Pins
VH/RH, VL/RL
The VH/RH and VL/RL inputs are equivalent to the terminal
connections on either end of a mechanical potentiometer.
VW/RW
The wiper output is equivalent to the wiper output of a
mechanical potentiometer.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents nonvolatile writes to the Data
Registers. Writing to the Wiper Counter Register is not
restricted.
SYSTEM/DIGITAL SUPPLY (VCC)
VCC is the supply voltage for the system/digital section. VSS is
the system ground.
Principles of Operation
The X9421 is a highly integrated microcircuit incorporating a
resistor array and associated registers and counter and the
serial interface logic providing direct communication between
the host and the XDCP potentiometer.
Serial Interface
The X9421 supports the SPI interface hardware conventions.
The device is accessed via the SI input with data clocked in on
the rising SCK. CS must be LOW and the HOLD and WP pins
must be HIGH during the entire operation.
The SO and SI pins can be connected together, since they
have three state outputs. This can help to reduce system pin
count.
Array Description
The X9421 is comprised of one resistor array containing 63
discrete resistive segments that are connected in series. The
physical ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (VH/RH and VL/RL
inputs).
At both ends of the array and between each resistor segment
is a CMOS switch connected to the wiper (VW/RW) output.
Within the individual array only one switch may be turned on at
a time.
These switches are controlled by a Wiper Counter Register
(WCR). The six bits of the WCR are decoded to select, and
enable, one of sixty-four switches. The block diagram of the
potentiometer is shown in Figure 1.
Wiper Counter Register (WCR)
The X9421 contains a Wiper Counter Register. The WCR can
be envisioned as a 6-bit parallel and serial load counter with its
outputs decoded to select one of sixty-four switches along its
resistor array. The contents of the WCR can be altered in four
ways: it may be written directly by the host via the Write Wiper
Counter Register instruction (serial load); it may be written
indirectly by transferring the contents of one of four associated
Data Registers via the XFR Data Register instruction (parallel
load); it can be modified one step at a time by the
Increment/Decrement instruction. Finally, it is loaded with the
contents of its data register zero (DR0) upon power-up.
The Wiper Counter Register is a volatile register; that is, its
contents are lost when the X9421 is powered-down. Although
the register is automatically loaded with the value in DR0 upon
power-up, this may be different from the value present at
power-down.
Data Registers
The potentiometer has four 6-bit nonvolatile Data Registers.
These can be read or written directly by the host. Data can also
be transferred between any of the four Data Registers and the
WCR. It should be noted all operations changing data in one of
the Data Registers is a nonvolatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple settings
for the potentiometer, the Data Registers can be used as
regular memory locations for system parameters or user
preference data.
Register Descriptions
TABLE 1. DATA REGISTERS, (6-BIT), NONVOLATILE
There are four 6-bit Data Registers associated with the
potentiometer.
• {D5~D0}: These bits are for general purpose Nonvolatile
data storage or for storage of up to four different wiper
values.
TABLE 2. WIPER COUNTER REGISTER, (6-BIT), VOLATILE
• {WP5~WP0}: These bits specify the wiper position of the
potentiometer.
0
0
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
0
0
WP5WP4
WP3WP2
WP1WP0
(MSB)
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com