Electronic Components Datasheet Search
  English  ▼

X  

X9421 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X9421
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9421 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X9421 Datasheet HTML 1Page - Renesas Technology Corp X9421 Datasheet HTML 2Page - Renesas Technology Corp X9421 Datasheet HTML 3Page - Renesas Technology Corp X9421 Datasheet HTML 4Page - Renesas Technology Corp X9421 Datasheet HTML 5Page - Renesas Technology Corp X9421 Datasheet HTML 6Page - Renesas Technology Corp X9421 Datasheet HTML 7Page - Renesas Technology Corp X9421 Datasheet HTML 8Page - Renesas Technology Corp X9421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
X9421
FN8196 Rev.1.00
Page 2 of 20
January 14, 2009
Ordering Information
PART
NUMBER
PART
MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(k
)
TEMP
RANGE (°C)
PACKAGE
X9421YS16*
X9421YS
5 ±10%
2.5
0 to +70
16 Ld SOIC (300 mil)
X9421YS16Z* (Note)
X9421YS Z
0 to +70
16 Ld SOIC (300 mil) (Pb-Free)
X9421YS16I*
X9421YS I
-40 to +85
16 Ld SOIC (300 mil)
X9421YS16IZ* (Note)
X9421YS ZI
-40 to +85
16 Ld SOIC (300 mil) (Pb-Free)
X9421YV14*
X9421 YV
0 to +70
14 Ld TSSOP (4.4mm)
X9421YV14Z* (Note)
X9421 YVZ
0 to +70
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421YV14I*
X9421 YV I
-40 to +85
14 Ld TSSOP (4.4mm)
X9421YV14IZ* (Note)
X9421 YVZI
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421WS16*
X9421WS
10
0 to +70
16 Ld SOIC (300 mil)
X9421WS16Z* (Note)
X9421WS Z
0 to +70
16 Ld SOIC (300 mil) (Pb-Free)
X9421WS16I*
X9421WS I
-40 to +85
16 Ld SOIC (300 mil)
X9421WS16IZ* (Note)
X9421WS ZI
-40 to +85
16 Ld SOIC (300 mil) (Pb-Free)
X9421WV14*
X9421 WV
0 to +70
14 Ld TSSOP (4.4mm)
X9421WV14Z* (Note)
X9421 WV Z
0 to +70
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421WV14I*
X9421 WV I
-40 to +85
14 Ld TSSOP (4.4mm)
X9421WV14IZ* (Note)
X9421 WVZI
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421YS16-2.7*
X9421YS F
2.7 to 5.5
2.5
0 to +70
16 Ld SOIC (300 mil)
X9421YS16Z-2.7* (Note)
X9421YS ZF
0 to +70
16 Ld SOIC (300 mil) (Pb-Free)
X9421YS16I-2.7*
X9421 YS G
-40 to +85
16 Ld SOIC (300 mil)
X9421YS16IZ-2.7* (Note)
X9421 YS ZG
-40 to +85
16 Ld SOIC (300 mil) (Pb-Free)
X9421YV14-2.7*
X9421 YVF
0 to +70
14 Ld TSSOP (4.4mm)
X9421YV14Z-2.7* (Pb-free)
X9421 YVZF
0 to +70
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421YV14I-2.7*
X9421 YVG
-40 to +85
14 Ld TSSOP (4.4mm)
X9421YV14IZ-2.7* (Pb-free)
X9421 YVZG
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421WS16-2.7*
X9421WS F
10
0 to +70
16 Ld SOIC (300 mil)
X9421WS16Z-2.7* (Note)
X9421WS ZF
0 to +70
16 Ld SOIC (300 mil) (Pb-Free)
X9421WS16I-2.7*
X9421WS G
-40 to +85
16 Ld SOIC (300 mil)
X9421WS16IZ-2.7* (Note)
X9421WS ZG
-40 to +85
16 Ld SOIC (300 mil) (Pb-Free)
X9421WV14-2.7*
X9421 WVF
0 to +70
14 Ld TSSOP (4.4mm)
X9421WV14Z-2.7* (Pb-free)
X9421 WVZF
0 to +70
14 Ld TSSOP (4.4mm) (Pb-Free)
X9421WV14I-2.7*
X9421 WVG
-40 to +85
14 Ld TSSOP (4.4mm)
X9421WV14IZ-2.7* (Pb-free) X9421 WVZG
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-Free)
*Add "T1" suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com