Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X9420WS16I
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16I Datasheet(HTML) 4 Page - Renesas Technology Corp

  X9420WS16I Datasheet HTML 1Page - Renesas Technology Corp X9420WS16I Datasheet HTML 2Page - Renesas Technology Corp X9420WS16I Datasheet HTML 3Page - Renesas Technology Corp X9420WS16I Datasheet HTML 4Page - Renesas Technology Corp X9420WS16I Datasheet HTML 5Page - Renesas Technology Corp X9420WS16I Datasheet HTML 6Page - Renesas Technology Corp X9420WS16I Datasheet HTML 7Page - Renesas Technology Corp X9420WS16I Datasheet HTML 8Page - Renesas Technology Corp X9420WS16I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
X9420
FN8195 Rev.1.00
Page 4 of 19
April 26, 2006
PIN NAMES
PRINCIPLES OF OPERATION
The
X9420
is
a
highly
integrated
microcircuit
incorporating a resistor array and associated registers
and counter and the serial interface logic providing direct
communication between the host and the XDCP
potentiometer.
Serial Interface
The X9420 supports the SPI interface hardware
conventions. The device is accessed via the SI input
with data clocked in on the rising SCK. CS must be LOW
and the HOLD and WP pins must be HIGH during the
entire operation.
The SO and SI pins can be connected together, since
they have three state outputs. This can help to reduce
system pin count.
Array Description
The X9420 is comprised of one resistor array containing
63 discrete resistive segments that are connected in
series. The physical ends of each array are equivalent to
the fixed terminals of a mechanical potentiometer
(VH/RH and VL/RL inputs).
At both ends of the array and between each resistor
segment is a CMOS switch connected to the wiper
(VW/RW) output. Within the individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter Register
(WCR). The six bits of the WCR are decoded to select, and
enable, one of sixty-four switches. The block diagram of the
potentiometer is shown in Figure 1.
Wiper Counter Register (WCR)
The X9420 contains a Wiper Counter Register. The
WCR can be envisioned as a 6-bit parallel and serial
load counter with its outputs decoded to select one of
sixty-four switches along its resistor array. The contents
of the WCR can be altered in four ways: it may be written
directly by the host via the Write Wiper Counter Register
instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated data
registers via the XFR Data Register instruction (parallel
load); it can be modified one step at a time by the
Increment/ Decrement instruction. Finally, it is loaded
with the contents of its data register zero (DR0) upon
power-up.
The Wiper Counter Register is a volatile register; that is,
its contents are lost when the X9420 is powered-down.
Although the register is automatically loaded with the
value in DR0 upon power-up, this may be different from
the value present at power-down.
Data Registers
The potentiometer has four 6-bit nonvolatile Data Registers.
These can be read or written directly by the host. Data can
also be transferred between any of the four Data Registers
and the WCR. It should be noted all operations changing
data in one of the Data Registers is a nonvolatile operation
and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can be
used as regular memory locations for system
parameters or user preference data.
Register Descriptions
Table 1. Data Registers, (6-bit), Nonvolatile
There are four 6-bit Data Registers associated with the
potentiometer.
– {D5~D0}: These bits are for general purpose Nonvola-
tile data storage or for storage of up to four different
wiper values.
Table 2. Wiper Counter Register, (6-bit), Volatile
– {WP5~WP0}: These bits specify the wiper position of
the potentiometer.
Symbol
Description
SCK
Serial Clock
SI, SO
Serial Data
A0
Device Address
VH/RH,
VL/RL
Potentiometer Pins (terminal equivalent)
VW/RW
Potentiometer Pins (wiper equivalent)
WP
Hardware Write Protection
HOLD
Serial Communication Pause
V+,V-
Analog Supplies
VCC
System Supply Voltage
VSS
System Ground
NC
No Connection
0
0
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
0
0
WP5 WP4 WP3 WP2 WP1 WP0
(MSB)
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com