Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X9420WS16I
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X9420WS16I Datasheet HTML 9Page - Renesas Technology Corp X9420WS16I Datasheet HTML 10Page - Renesas Technology Corp X9420WS16I Datasheet HTML 11Page - Renesas Technology Corp X9420WS16I Datasheet HTML 12Page - Renesas Technology Corp X9420WS16I Datasheet HTML 13Page - Renesas Technology Corp X9420WS16I Datasheet HTML 14Page - Renesas Technology Corp X9420WS16I Datasheet HTML 15Page - Renesas Technology Corp X9420WS16I Datasheet HTML 16Page - Renesas Technology Corp X9420WS16I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
X9420
FN8195 Rev.1.00
Page 13 of 19
April 26, 2006
A.C. TEST CONDITIONS
EQUIVALENT A.C. LOAD CIRCUIT
AC TIMING
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
5V
1533
100pF
SDA Output
Symbol
Parameter
Min.
Max.
Units
fSCK
SSI/SPI Clock Frequency
2.0
MHz
tCYC
SSI/SPI Clock Cycle Time
500
ns
tWH
SSI/SPI Clock High Time
200
ns
tWL
SSI/SPI Clock Low Time
200
ns
tLEAD
Lead Time
250
ns
tLAG
Lag Time
250
ns
tSU
SI, SCK, HOLD and CS Input Setup Time
50
ns
tH
SI, SCK, HOLD and CS Input Hold Time
50
ns
tRI
SI, SCK, HOLD and CS Input Rise Time
2
µs
tFI
SI, SCK, HOLD and CS Input Fall Time
2
µs
tDIS
SO Output Disable Time
0
500
ns
tV
SO Output Valid Time
100
ns
tHO
SO Output Hold Time
0
ns
tRO
SO Output Rise Time
50
ns
tFO
SO Output Fall Time
50
ns
tHOLD
HOLD Time
400
ns
tHSU
HOLD Setup Time
100
ns
tHH
HOLD Hold Time
100
ns
tHZ
HOLD Low to Output in High Z
100
ns
tLZ
HOLD High to Output in Low Z
100
ns
TI
Noise Suppression Time Constant at SI, SCK, HOLD and CS inputs
20
ns
tCS
CS Deselect Time
2
µs
tWPASU
WP, A0 and A1 Setup Time
0
ns
tWPAH
WP, A0 and A1 Hold Time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com