Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9420WS16I
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16I Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9420WS16I Datasheet HTML 1Page - Renesas Technology Corp X9420WS16I Datasheet HTML 2Page - Renesas Technology Corp X9420WS16I Datasheet HTML 3Page - Renesas Technology Corp X9420WS16I Datasheet HTML 4Page - Renesas Technology Corp X9420WS16I Datasheet HTML 5Page - Renesas Technology Corp X9420WS16I Datasheet HTML 6Page - Renesas Technology Corp X9420WS16I Datasheet HTML 7Page - Renesas Technology Corp X9420WS16I Datasheet HTML 8Page - Renesas Technology Corp X9420WS16I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FN8195 Rev.1.00
Page 1 of 19
April 26, 2006
FN8195
Rev.1.00
April 26, 2006
X9420
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP™)
Potentiometer
DATASHEET
FEATURES
• Solid-State Potentiometer
• SPI Serial Interface
• Register Oriented Format
—Direct read/write/transfer wiper positions
—Store as many as four positions per
potentiometer
• Power Supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V– = -2.7V to -5.5V
• Low Power CMOS
—Standby current < 1µA
• High Reliability
—Endurance–100,000 data changes per bit per
register
—Register data retention–100 years
• 8-bytes of Nonvolatile EEPROM Memory
•10k
 or 2.5k Resistor Arrays
• Resolution: 64 Taps Each Pot
• 14 Ld TSSOP and 16 Ld SOIC Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
DESCRIPTION
The X9420 integrates a single digitally controlled
potentiometers (XDCP) on a monolithic CMOS
integrated microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI bus
interface. The potentiometer has associated with it a
volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array through the switches. Power-up recalls
the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
HOLD
CS
SI
A0
VH/RH
VL/RL
Data
8
VW/RW
SCK
S0
NOT RECOMMENDED FOR NEW DESIGNS
POSSIBLE SUBSTITUTE PRODUCT
ISL22416, ISL22419, ISL95311, ISL95711


Similar Part No. - X9420WS16I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9420WS16I INTERSIL-X9420WS16I Datasheet
312Kb / 19P
Single Digitally Controlled Potentiometer
April 26, 2006
X9420WS16I-2.7 INTERSIL-X9420WS16I-2.7 Datasheet
312Kb / 19P
Single Digitally Controlled Potentiometer
April 26, 2006
X9420WS16IZ INTERSIL-X9420WS16IZ Datasheet
312Kb / 19P
Single Digitally Controlled Potentiometer
April 26, 2006
X9420WS16IZ-2.7 INTERSIL-X9420WS16IZ-2.7 Datasheet
312Kb / 19P
Single Digitally Controlled Potentiometer
April 26, 2006
More results

Similar Description - X9420WS16I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9421 RENESAS-X9421 Datasheet
805Kb / 20P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9429 RENESAS-X9429 Datasheet
835Kb / 21P
Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com