Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16I Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # X9420WS16I
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16I Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button X9420WS16I Datasheet HTML 11Page - Renesas Technology Corp X9420WS16I Datasheet HTML 12Page - Renesas Technology Corp X9420WS16I Datasheet HTML 13Page - Renesas Technology Corp X9420WS16I Datasheet HTML 14Page - Renesas Technology Corp X9420WS16I Datasheet HTML 15Page - Renesas Technology Corp X9420WS16I Datasheet HTML 16Page - Renesas Technology Corp X9420WS16I Datasheet HTML 17Page - Renesas Technology Corp X9420WS16I Datasheet HTML 18Page - Renesas Technology Corp X9420WS16I Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
X9420
FN8195 Rev.1.00
Page 17 of 19
April 26, 2006
APPLICATIONS INFORMATION
Electronic potentiometers provide three powerful application advantages: (1) the variability and reliability of a solid-
state potentiometer, (2) the flexibility of computer-based digital controls, and (3) the retentivity of nonvolatile memory
used for the storage of multiple potentiometer settings or data.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VW
VR
I
Three terminal Potentiometer;
Variable voltage divider
Two terminal Variable Resistor;
Variable current
VH
VL
Noninverting Amplifier
Voltage Regulator
Offset Voltage Adjustment
Comparator with Hysterisis
+
–
VS
VO
R2
R1
VO = (1+R2/R1)VS
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
+
–
VS
VO
R2
R1
VUL = {R1/CR1+R2} VO(max)
VLL = {R1/CR1+R2} VO(min)
100k
10k
10k
10k
-12V
+12V
TL072
+
–
VS
VO
R2
R1
+5V
-5V
LM308A
Cascading Techniques
Buffered Reference Voltage
–
+
+5V
R1
+V
-5V
VW
VW
VOUT = VW
OP-07
VW
VW
+V
+V
+V
X
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com