Electronic Components Datasheet Search
  English  ▼

X  

ADRF6516 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6516
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 5Page - Analog Devices ADRF6516 Datasheet HTML 6Page - Analog Devices ADRF6516 Datasheet HTML 7Page - Analog Devices ADRF6516 Datasheet HTML 8Page - Analog Devices ADRF6516 Datasheet HTML 9Page - Analog Devices ADRF6516 Datasheet HTML 10Page - Analog Devices ADRF6516 Datasheet HTML 11Page - Analog Devices ADRF6516 Datasheet HTML 12Page - Analog Devices ADRF6516 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data Sheet
ADRF6516
Rev. C | Page 9 of 29
–20
–15
–10
–5
0
5
10
15
20
0
5
10
15
20
25
30
35
40
GAIN (dB)
DIGITAL GAIN = 111
BANDWIDTH = 31MHz
DIGITAL GAIN = 000
Figure 11. Output P1dB vs. Gain at 15 MHz (Bandwidth Setting = 31 MHz)
–10
–5
0
5
10
15
20
25
30
35
40
1
10
100
FREQUENCY (MHz)
Figure 12. Frequency Response vs. Bandwidth Setting (Gain = 30 dB),
Log Scale
–10
–5
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (MHz)
Figure 13. Frequency Response vs. Bandwidth Setting (Gain = 30 dB),
Linear Scale
20
22
24
26
28
30
32
34
36
38
40
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
–40°C, VPS = 3.15V, 3.3V, 3.45V
+25°C,
VPS = 3.15V, 3.3V, 3.45V
+85°C,
VPS = 3.15V, 3.3V, 3.45V
VGAIN (mV)
BANDWIDTH = 31MHz
Figure 14. Frequency Response over Supply and Temperature
(Bandwidth Setting = 31 MHz, Gain = 30 dB)
0
100
200
300
400
500
600
700
800
900
1000
0.3
3
30
FREQUENCY (MHz)
BW = 1MHz
BW = 5MHz
BW = 10MHz
BW = 20MHz
BW = 31MHz
50
GAIN = 20dB
Figure 15. Group Delay vs. Frequency (Gain = 20 dB)
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0.3
3
30
FREQUENCY (MHz)
BANDWIDTH = 31MHz
GAIN = 40dB
GAIN = 20dB
Figure 16. Group Delay Matching vs. Frequency
(Bandwidth Setting = 31 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com