Electronic Components Datasheet Search
  English  ▼

X  

ADRF6516 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6516
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 19Page - Analog Devices ADRF6516 Datasheet HTML 20Page - Analog Devices ADRF6516 Datasheet HTML 21Page - Analog Devices ADRF6516 Datasheet HTML 22Page - Analog Devices ADRF6516 Datasheet HTML 23Page - Analog Devices ADRF6516 Datasheet HTML 24Page - Analog Devices ADRF6516 Datasheet HTML 25Page - Analog Devices ADRF6516 Datasheet HTML 26Page - Analog Devices ADRF6516 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Data Sheet
ADRF6516
Rev. C | Page 23 of 29
EFFECT OF OUTPUT VOLTAGE LEVELS ON EVM
Output voltage level can affect EVM greatly when the signal is
compressed. When changing the output voltage levels of the
ADRF6516, take care that the output signal is not in compres-
sion, which causes EVM degradation.
Figure 54 show EVM performance vs. RF input power for
several maximum differential I and Q output voltage levels
of 350 mV p-p up to 2.4 V p-p. For the lower maximum differ-
ential output voltage levels, the EVM is less than −45 dB over
approximately 20 dB of input power range.
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–25
–20
–15
–10
–5
0
5
RF INPUT POWER (dBm)
350mV p-p MAX
700mV p-p MAX
1500mV p-p MAX
2400mV p-p MAX
Figure 54. EVM vs. RF Input Power at Several Output Maximum Differential
Voltage Levels (Filter Corner = 10 MHz, OFDS Pulled High)
For the largest tested maximum differential output voltage level
of 2.4 V p-p, the ADRF6516 begins to compress the signal. This
compression causes EVM to degrade, but it still remains below
−40 dB, albeit over a truncated input power range. At the high
end of the input power range, the signal is in full compression
and EVM is large. Given that the gain is near its minimum, the
input signal level must be lowered to bring the output signal out
of full compression and into the proper linear operating region.
EFFECT OF COFS VALUE ON EVM
When enabled, the dc offset compensation loop effectively
nulls any information below the high-pass corner set by the
COFS capacitor. However, loss of the low frequency information
of the modulated signal can degrade the EVM in some cases.
As the signal bandwidth becomes larger, the percentage of
information that is corrupted by the high-pass corner becomes
smaller. In such cases, it is important to select a COFS capacitor
that is large enough to minimize the high-pass corner frequency,
which prevents loss of information and degraded EVM.
Figure 55 shows degradation of the EVM vs. RF input power as
the COFS capacitor value becomes smaller, which increases the
high-pass corner for the dc offset compensation loop.
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–35
–30
–25
–20
–15
–10
–5
0
5
RF INPUT POWER (dBm)
COFS = 1µF
COFS = 220nF
COFS = 1nF
Figure 55. EVM vs. RF Input Power at Several COFS Values (Filter Corner = 10 MHz,
256-QAM, 14 MSPS Signal with α = 0.35; Output Differential Signal Level
Held to 700 mV p-p; OFDS Pulled Low)
Figure 56 shows the effect that COFS has on several modulated
signal bandwidths. The modulated bandwidth was swept while
using 1000 pF and 1 µF values for COFS. Total gain was set to
15 dB, so the high-pass filter corner of the 1000 pF capacitor is
26.67 kHz, and the high-pass filter corner of the 1 µF capacitor
is 26.67 Hz. It is recommended that at moderate signal band-
widths, a 1 µF capacitor for COFS be used to obtain the best EVM
when using the dc offset compensation loop.
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
SIGNAL BANDWIDTH CORNER (MHz)
COFS = 1µF
COFS = 1000pF
Figure 56. EVM vs. Signal Bandwidth Corner with COFS = 1 µF
and COFS = 1000 pF (Filter Corner = 10 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com