Electronic Components Datasheet Search
  English  ▼

X  

ADRF6516 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6516
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 20Page - Analog Devices ADRF6516 Datasheet HTML 21Page - Analog Devices ADRF6516 Datasheet HTML 22Page - Analog Devices ADRF6516 Datasheet HTML 23Page - Analog Devices ADRF6516 Datasheet HTML 24Page - Analog Devices ADRF6516 Datasheet HTML 25Page - Analog Devices ADRF6516 Datasheet HTML 26Page - Analog Devices ADRF6516 Datasheet HTML 27Page - Analog Devices ADRF6516 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ADRF6516
Data Sheet
Rev. C | Page 24 of 29
EVALUATION BOARD
An evaluation board is available for testing the ADRF6516.
The evaluation board schematic is shown in Figure 58. Table 6
provides the component values and suggestions for modifying
the component values for the various modes of operation.
EVALUATION BOARD CONTROL SOFTWARE
The ADRF6516 evaluation board is controlled through the
parallel port on a PC. The parallel port is programmed via the
ADRF6516 evaluation software. This software controls the filter
corner frequency, as well as the minimum and maximum gains
for each amplifier in the ADRF6516. For information about the
register map, see Table 4 and Table 5. For information about SPI
port timing and control, see Figure 2 and Figure 3.
After the evaluation software is downloaded and installed, start
the basic user interface to program the filter corner and gain
values (see Figure 57).
To program the filter corner, do one of the following:
Click the arrow in the Frequency Select section of the
window, select the desired corner frequency from the
menu, and click Write Bits.
Click Freq +1 MHz or Freq −1 MHz to increment or
decrement the corner frequency in 1 MHz steps from
the current corner frequency.
To program the preamplifier gain, the VGA maximum gain,
and the postamplifier gain, move the slider switch in the
appropriate section of the window to the desired gain.
The preamplifier gain can be set to 3 dB or 6 dB.
The VGA maximum gain can be set to 22 dB or 28 dB.
The postamplifier gain can be set to 6 dB or 12 dB.
When the user clicks the Write Bits button, a write operation is
executed, immediately followed by a read operation. The updated
information is displayed in the Current Pre-Amp Gain, Current
Frequency
, Current VGA Max Gain, and Current Post-Amp
Gain
fields.
When the parallel port is updated with a read/write operation,
the current cumulative maximum gain of all the amplifiers is
displayed in the Maximum Gain field. (The analog VGA gain
is not included in this value.)
Because the speed of the parallel port varies from PC to PC,
the Clock Stretch function can be used to change the effective
frequency of the CLK line. The CLK line has a scalar range from
1 to 10; 10 is the fastest speed, and 1 is the slowest.
Figure 57. ADRF6516 Evaluation Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com