Electronic Components Datasheet Search
  English  ▼

X  

ADRF6516 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6516
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 12Page - Analog Devices ADRF6516 Datasheet HTML 13Page - Analog Devices ADRF6516 Datasheet HTML 14Page - Analog Devices ADRF6516 Datasheet HTML 15Page - Analog Devices ADRF6516 Datasheet HTML 16Page - Analog Devices ADRF6516 Datasheet HTML 17Page - Analog Devices ADRF6516 Datasheet HTML 18Page - Analog Devices ADRF6516 Datasheet HTML 19Page - Analog Devices ADRF6516 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
ADRF6516
Data Sheet
Rev. C | Page 16 of 29
THEORY OF OPERATION
The ADRF6516 consists of a matched pair of buffered, program-
mable filters followed by a cascade of two variable gain amplifiers
and output ADC drivers. The block diagram of a single channel
is shown in Figure 44.
The programmability of the bandwidth and of the pre- and post-
filtering gain through the SPI interface offers great flexibility
when coping with signals of varying levels in the presence of
noise and large, undesired signals nearby. The entire differential
signal chain is dc-coupled with flexible interfaces at the input
and output. The bandwidth and gain setting controls for the two
channels are shared, ensuring close matching of their magnitude
and phase responses. The ADRF6516 can be fully disabled
through the ENBL pin.
3dB/6dB
PREAMP
1MHz TO 31MHz
PROG.
FILTERS
25dB
VGA
6dB/12dB
ADC
DRIVER
BASEBAND
INPUTS
BASEBAND
OUTPUTS
GAIN AND FILTER
PROGRAMMING
SPI BUS
ANALOG
GAIN CONTROL
15mV/dB
25dB
VGA
OUTPUT
COMMON-MODE
CONTROL
SPI
INTERFACE
Figure 44. Signal Path Block Diagram for a Single Channel of the ADRF6516
Filtering and amplification are fundamental operations in any
signal processing system. Filtering is necessary to select the
intended signal while rejecting out-of-band noise and inter-
ferers. Amplification increases the level of the desired signal
to overcome noise added by the system. When used together,
filtering and amplification can extract a low level signal of
interest in the presence of noise and out-of-band interferers.
Such analog signal processing alleviates the requirements on
the analog, mixed signal, and digital components that follow.
INPUT BUFFERS
The input buffers provide a convenient interface to the sensitive
filter sections that follow. They set a differential input impedance
of 1600 Ω and float to a common-mode voltage near VPS/2. The
inputs can be dc-coupled or ac-coupled. If using direct dc coupling,
the common-mode voltage presented to the inputs must be
approximately VPS/2 to maximize the input swing capacity.
For a 3.3 V supply, the common-mode voltage can range
from 1.1 V to 1.8 V while maintaining a >65 dBc HD3 for a
400 mV p-p input signal. The VICM pin provides the optimal
midsupply common-mode voltage and can be used as a refer-
ence for the driving circuit. The VICM voltage is not buffered
and must be sensed at a high impedance point to prevent it
from being loaded down.
The input buffers in both channels can be configured simul-
taneously for a gain of 3 dB or 6 dB through the SPI (see the
Register Map and Codes section). When configured for a 3 dB
gain, the buffers support a 400 mV p-p differential input level
with ~70 dBc harmonic distortion. For a 6 dB gain setting, the
buffers support 280 mV p-p inputs.
PROGRAMMABLE FILTERS
The integrated programmable filter is the key signal processing
function in the ADRF6516. The filters follow a six-pole Butter-
worth prototype response that provides a compromise between
band rejection, ripple, and group delay. The 0.5 dB bandwidth is
programmed from 1 MHz to 31 MHz in 1 MHz steps via the serial
programming interface (SPI), as described in the Programming
the Filters and Gains section.
The filters are designed so that the Butterworth prototype filter
shape and group delay responses vs. frequency are retained for
any bandwidth setting. Figure 45 and Figure 46 illustrate the
ideal six-pole Butterworth magnitude and group delay
responses, respectively. The group delay, τg, is defined as
τg = −∂φ/∂ω
where:
φ is the phase in radians.
ω = 2πf (the frequency in radians/sec).
Note that for a frequency scaled filter prototype, the absolute
magnitude of the group delay scales inversely with the band-
width; however, the shape is retained. For example, the peak
group delay for a 28 MHz bandwidth setting is 14× less than
for a 2 MHz setting (see Figure 46).
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 45. Sixth-Order Butterworth Magnitude Response for 0.5 dB
Bandwidths Programmed from 2 MHz to 29 MHz in 1 MHz Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com