Electronic Components Datasheet Search
  English  ▼

X  

FT29F010B Datasheet(PDF) 22 Page - Force Technologies Ltd

Part # FT29F010B
Description  1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F010B Datasheet(HTML) 22 Page - Force Technologies Ltd

Back Button FT29F010B Datasheet HTML 18Page - Force Technologies Ltd FT29F010B Datasheet HTML 19Page - Force Technologies Ltd FT29F010B Datasheet HTML 20Page - Force Technologies Ltd FT29F010B Datasheet HTML 21Page - Force Technologies Ltd FT29F010B Datasheet HTML 22Page - Force Technologies Ltd FT29F010B Datasheet HTML 23Page - Force Technologies Ltd FT29F010B Datasheet HTML 24Page - Force Technologies Ltd FT29F010B Datasheet HTML 25Page - Force Technologies Ltd FT29F010B Datasheet HTML 26Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
AC CHARACTERISTICS
Erase and Program Operations
Notes:
1. Not tested.
2. See the “Erase and Programming Performance” section for more informaiton.
Parameter Symbol
Parameter Description
Speed Options
Unit
JEDEC
Std
-90
-120
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
50
ns
tDVWH
tDS
Data Setup Time
Min
45
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
25
30
35
45
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
20
ns
tWHWH1
tWHWH1
Byte Programming Operation (Note
1,2) Typ
7
µs
tWHWH2
tWHWH2
Chip/Sector Erase Operation (Note
1,2) Typ
1.0
sec
tVCS
VCC Set Up Time (Note 1)
Min
50
µs
Rev 2
22/30
2014
(Note 1)
(Note 1)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com