Electronic Components Datasheet Search
  English  ▼

X  

FT29F010B Datasheet(PDF) 27 Page - Force Technologies Ltd

Part # FT29F010B
Description  1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F010B Datasheet(HTML) 27 Page - Force Technologies Ltd

Back Button FT29F010B Datasheet HTML 22Page - Force Technologies Ltd FT29F010B Datasheet HTML 23Page - Force Technologies Ltd FT29F010B Datasheet HTML 24Page - Force Technologies Ltd FT29F010B Datasheet HTML 25Page - Force Technologies Ltd FT29F010B Datasheet HTML 26Page - Force Technologies Ltd FT29F010B Datasheet HTML 27Page - Force Technologies Ltd FT29F010B Datasheet HTML 28Page - Force Technologies Ltd FT29F010B Datasheet HTML 29Page - Force Technologies Ltd FT29F010B Datasheet HTML 30Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
1.27 (0.050) TYP
21.1 (0.830) ± 0.25 (0.010)
19.1 (0.750) TYP
11.3 (0.442)
± 0.30 (0.012)
3.96 (0.156) MAX
0.2 (0.008)
± 0.05 (0.002)
9.55 (0.376) ± 0.25 (0.010)
1.27 (0.050) ± 0.25 (0.010)
0.89 (0.035)
Radius TYP
PIN 1 IDENTIFIER
10.41 (0.410)
± 0.13 (0.005)
2.60 (0.102) MAX
0.127 (0.005)
+ 0.05 (0.002)
– 0.025 (0.001)
PIN 1
IDENTIFIER
1.27 (0.050) TYP
19.05 (0.750) TYP
10.16 (0.400)
± 0.51 (0.020)
0.43 (0.017)
± 0.05 (0.002)
20.83 (0.820)
± 0.25 (0.010)
32 pin CSOJ
32 Pin FP
Rev 2
27/30
2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com